| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADS5281IPFPR Datasheet(PDF) 5 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
ADS5281IPFPR Datasheet(HTML) 5 Page - Texas Instruments |
|
5 / 41 page ![]() www.ti.com ELECTRICAL CHARACTERISTICS (1) ADS5281 ADS5282 SBAS397E – DECEMBER 2006 – REVISED JANUARY 2008 Typical values at +25 °C. Minimum and maximum values are measured across the specified temperature range of T MIN = –40 °C to T MAX = +85°C, AVDD = 3.3V, LVDD = 1.8V, clock frequency = 10MSPS to 65MSPS, 50% clock duty cycle, –1dBFS differential analog input, internal reference mode, ISET resistor = 56.2kΩ, and LVDS buffer current setting = 3.5mA, unless otherwise noted. ADS528x PARAMETER TEST CONDITIONS MIN TYP MAX UNIT INTERNAL REFERENCE VOLTAGES VREFB Reference bottom 0.5 V VREFT Reference top 2.5 V VREFT – VREFB 1.95 2.0 2.05 V VCM Common-mode voltage (internal) 1.425 1.5 1.575 V VCM output current ±2 mA EXTERNAL REFERENCE VOLTAGES VREFB Reference bottom 0.4 0.5 0.6 V VREFT Reference top 2.4 2.5 2.6 V VREFT – VREFB 1.9 2.0 2.1 V ANALOG INPUT Differential input voltage range 2.0 VPP Differential input capacitance 3 pF Analog input bandwidth 520 MHz Analog input common-mode range DC Coupled Input VCM ± 0.05 V Per input pin per MSPS of sampling µA/MHz Analog input common-mode current 2.5 speed per pin Recovery from 6dB overload to within 1% Voltage overload recovery time 1 Clock cycle accuracy Standard deviation seen on a periodic Voltage overload recovery repeatability first data within full-scale range in a 6dB 1 LSB overloaded sine wave DC ACCURACY Offset error –1.25 ±0.2 +1.25 %FS Offset error temperature coefficient(2) ±5 ppm/ °C Channel gain error Excludes error in internal reference –0.8 %FS Channel gain error temperature Excludes temperature coefficient of ±10 ppm/ °C coefficient internal reference Internal reference error temperature ±15 ppm/ °C coefficient(3) DC PSRR DC power-supply rejection ratio(4) 1.5 mV/V POWER-DOWN MODES Power in complete power-down mode 45 mW Power in partial power-down mode Clock at 65MSPS 135 mW Power with no clock 88 mW DYNAMIC PERFORMANCE 5MHz full-scale signal applied to 7 Crosstalk channels, measurement taken on channel –90 dBc with no input signal Two-tone, third-order intermodulation f1 = 9.5MHz at –7dBFs –92 dBFS distortion f2 = 10.2MHz at –7dBFs (1) All characteristics are common for the ADS528x family. (2) The offset temperature coefficient in ppm/ °C is defined as (O 1 – O2) × 10 6/(T 1 – T2)/4096, where O1 and O2 are the offset codes in LSB at the two extreme temperatures, T1 and T2. (3) The internal reference temperature coefficient is defined as (REF1 – REF2) × 10 6/(T 1 – T2)/2, where REF1 and REF2 are the internal reference voltages (REFT – REFB) at the two extreme temperatures, T1 and T2. (4) DC PSRR is defined as the ratio of the change in the ADC output (expressed in mV) to the change in supply voltage (in volts). Copyright © 2006–2008, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Link(s): ADS5281 ADS5282 |