Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTC6078 Datasheet(PDF) 15 Page - Linear Technology

No. de pieza LTC6078
Descripción Electrónicos  16-/14-/12-Bit VOUT DACs in 3mm3mm DFN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTC6078 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC6078 Datasheet HTML 11Page - Linear Technology LTC6078 Datasheet HTML 12Page - Linear Technology LTC6078 Datasheet HTML 13Page - Linear Technology LTC6078 Datasheet HTML 14Page - Linear Technology LTC6078 Datasheet HTML 15Page - Linear Technology LTC6078 Datasheet HTML 16Page - Linear Technology LTC6078 Datasheet HTML 17Page - Linear Technology LTC6078 Datasheet HTML 18Page - Linear Technology LTC6078 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LTC2641/LTC2642
15
26412f
APPLICATIONS INFORMATION
such as the LTC6078 is suitable, if the application does not
require linear operation very near to GND, or zero scale
(Figure 2). The LTC6078 typically swings to within 1mV
of GND if it is not required to sink any load current. For an
LSB size of 38μV, 1mV represents 26 missing codes near
zero scale. Linearity will be degraded over a somewhat
larger range of codes above GND. It is also unavoidable
that settling time and transient performance will degrade
whenever a single supply amplifier is operated very close
to GND, or to the positive supply rail.
The small LSB size of a 16-bit DAC, coupled with the tight
accuracy specifications on the LTC2641/LTC2642, means
that the accuracy and input specifications for the external
op amp are critical for overall DAC performance.
Op Amp Specifications and Unipolar DAC Accuracy
Most op amp accuracy specifications convert easily to
DAC accuracy.
Op amp input bias current on the noninverting (+) input is
equivalent to an IL loading the DAC VOUT pin and therefore
produces a DAC zero-scale error (ZSE) (see Unbuffered
Operation):
ZSE = –IB(IN+) • ROUT [Volts]
In 16-bit LSBs:
ZSE
I IN
k
k
V
LSB
B
REF
=
()
⎝⎜
⎠⎟ []
+
–• .
62
66
Op amp input impedance, RIN, is equivalent to an RL
loading the LTC2641/LTC2642 VOUT pin, and produces a
gain error of:
GE
k
k
R
LSB
IN
=
+
⎝⎜
⎠⎟
[]
.
66
1
62
Op amp offset voltage, VOS, corresponds directly to DAC
zero code offset error, ZSE:
ZSE
V
k
V
LSB
OS
REF
=
[]
66
Temperature effects also must be considered. Over the
–40°C to 85°C industrial temperature range, an offset
voltage temperature coefficient (referenced to 25°C) of
0.6μV/°C will add 1LSB of zero-scale error. Also, IBIAS and
the VOFFSET error it causes, will typically show significant
relative variation over temperature.
Op amp open-loop gain, AVOL, contributes to DAC gain
error (GE):
GE
k
A
LSB
VOL
=
[]
66
Op amp input common mode rejection ratio (CMRR) is an
input-referred error that corresponds to a combination of
gain error (GE) and INL, depending on the op amp archi-
tecture and operating conditions. A conservative estimate
of total CMRR error is:
Error
V
V
CMRR
CMRR RANGE
RE
=
⎝⎜
⎠⎟
10
20
_
FF
kLSB
⎝⎜
⎠⎟
[]
•66
where VCMRR_RANGE is the voltage range that CMRR (in
dB) is specified over. Op amp Typical Performance Charac-
teristics graphs are useful to predict the impact of CMRR
errors on DAC performance. Typically, a precision op amp
will exhibit a fairly linear CMRR behavior (corresponding
to DAC gain error only) over most of the common mode
input range (CMR), and become nonlinear and produce
significant errors near the edge of the CMR.
Rail-to-rail input op amps are a special case, because they
have 2 distinct input stages, one with CMR to GND and
the other with CMR to V+. This results in a “crossover”
CM input region where operation switches between the
two input stages.
The LTC6078 rail-to-rail input op amp typically exhibits
remarkably low crossover linearity error, as shown in the
VOS vs VCM Typical Performance Characteristics graphs
(see the LTC6078 data sheet). Crossover occurs at CM
inputs about 1V below V+, and an LTC6078 operating as
a unipolar DAC buffer with VREF = 2.5V and V+ = 5V will
typically add only about 1LSB of GE and almost no INL
error due to CMRR. Even in a full rail-to-rail application,
with VREF = V+ = 5V, a typical LTC6078 will add only about
1LSB of INL at 16-bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com