Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

P20NM60FP Datasheet(PDF) 17 Page - STMicroelectronics

No. de pieza P20NM60FP
Descripción Electrónicos  N-channel 600V - 0.25Ω - 20A - TO-247 - TO-220/FP - D2/I2PAK MDmesh??Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P20NM60FP Datasheet(HTML) 17 Page - STMicroelectronics

Back Button P20NM60FP Datasheet HTML 10Page - STMicroelectronics P20NM60FP Datasheet HTML 11Page - STMicroelectronics P20NM60FP Datasheet HTML 12Page - STMicroelectronics P20NM60FP Datasheet HTML 13Page - STMicroelectronics P20NM60FP Datasheet HTML 14Page - STMicroelectronics P20NM60FP Datasheet HTML 15Page - STMicroelectronics P20NM60FP Datasheet HTML 16Page - STMicroelectronics P20NM60FP Datasheet HTML 17Page - STMicroelectronics P20NM60FP Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
STB20NM60/-1 - STP20NM60FP - STP20NM60 - STW20NM60
Revision history
17/18
6
Revision history
Table 9.
Document revision history
Date
Revision
Changes
26-Jul-2004
8
First Release
17-Feb-2005
9
Insert the TO-247 package
25-Oct-2006
10
The document has been reformatted
18-Dec-2006
11
Text updates on Table 5.
27-Aug-2007
12
Updated Figure 2 and Figure 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com