Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

P20NM60 Datasheet(PDF) 13 Page - STMicroelectronics

No. de pieza P20NM60
Descripción Electrónicos  N-channel 600V - 0.25Ω - 20A - TO-247 - TO-220/FP - D2/I2PAK MDmesh??Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P20NM60 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button P20NM60 Datasheet HTML 9Page - STMicroelectronics P20NM60 Datasheet HTML 10Page - STMicroelectronics P20NM60 Datasheet HTML 11Page - STMicroelectronics P20NM60 Datasheet HTML 12Page - STMicroelectronics P20NM60 Datasheet HTML 13Page - STMicroelectronics P20NM60 Datasheet HTML 14Page - STMicroelectronics P20NM60 Datasheet HTML 15Page - STMicroelectronics P20NM60 Datasheet HTML 16Page - STMicroelectronics P20NM60 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
STB20NM60/-1 - STP20NM60FP - STP20NM60 - STW20NM60
Package mechanical data
13/18
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.40
4.60
0.173
0.181
A1
2.40
2.72
0.094
0.107
b
0.61
0.88
0.024
0.034
b1
1.14
1.70
0.044
0.066
c
0.49
0.70
0.019
0.027
c2
1.23
1.32
0.048
0.052
D
8.95
9.35
0.352
0.368
e
2.40
2.70
0.094
0.106
e1
4.95
5.15
0.194
0.202
E
10
10.40
0.393
0.410
L
13
14
0.511
0.551
L1
3.50
3.93
0.137
0.154
L2
1.27
1.40
0.050
0.055
TO-262 (I2PAK) MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18