Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD4047 Datasheet(PDF) 11 Page - SYC Electronica

No. de pieza CD4047
Descripción Electrónicos  CMOS Low-Power Monostable/Astable Multivibrator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SYC [SYC Electronica]
Página de inicio  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

CD4047 Datasheet(HTML) 11 Page - SYC Electronica

Back Button CD4047 Datasheet HTML 7Page - SYC Electronica CD4047 Datasheet HTML 8Page - SYC Electronica CD4047 Datasheet HTML 9Page - SYC Electronica CD4047 Datasheet HTML 10Page - SYC Electronica CD4047 Datasheet HTML 11Page - SYC Electronica CD4047 Datasheet HTML 12Page - SYC Electronica CD4047 Datasheet HTML 13Page - SYC Electronica CD4047 Datasheet HTML 14Page - SYC Electronica CD4047 Datasheet HTML 15Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
CD4047BMS
FIGURE 16. TYP. ASTABLE OSCILLATOR OR Q, Q PERIOD
ACCURACY vs AMBIENT TEMPERATURE (MEDIUM
FREQ.)
FIGURE 17. TYP. ASTABLE OSCILLATOR OR Q, Q PERIOD
ACCURACY vs AMBIENT TEMPERATURE (HIGH
FREQ.)
FIGURE 18. TYPICAL ASTABLE OSCILLATOR OR Q, Q PERIOD
ACCURACY vs AMBIENT TEMPERATURE
FIGURE 19. TYPICAL OUTPUT PULSE WIDTH VARIATIONS vs
SUPPLY VOLTAGE
FIGURE 20. TYPICAL OUTPUT PULSE WIDTH VARIATIONS vs
SUPPLY VOLTAGE
FIGURE 21. TYPICAL OUTPUT PULSE WIDTH VARIATIONS vs
SUPPLY VOLTAGE
Typical Performance Characteristics (Continued)
-55
-15
25
65
105
145
AMBIENT TEMPERATURE (TA) (
oC)
2
CX = 0.01
µF
RX = 100k
Ω
SUPPLY VOLTAGE (VDD) = 5V, 10V
5V AND 10V
1
0
-1
-2
15V
15V
-55
-15
25
65
105
145
AMBIENT TEMPERATURE (TA) (
oC)
12
CX = 1000pF
RX = 10k
Ω
10V AND 15V
5V
10V, 15V
10
8
6
4
2
0
-2
-4
SUPPLY VOLTAGE (VDD) = 5V
-35
-5
45
85
125
-55
-15
25
65
105
145
AMBIENT TEMPERATURE (TA) (
oC)
-10
RX = 10k
Ω
SUPPLY VOLTAGE (VDD) = 5V
0
10
20
100pF
0.001
µF
0.01
µF, 0.1µF, 1µF
0.001
µF
CX = 100pF
0.01
µF, 0.1µF, 1µF
AMBIENT TEMPERATURE (TA) = +25
oC
CX = 1
µF
-8
-6
-4
-2
0
2
4
6
8
0
5
10
15
20
25
SUPPLY VOLTAGE (VDD) (V)
1k
Ω
10k
Ω
RX = 100k
Ω, 1MΩ, 10MΩ
100k
Ω
1k
Ω
10k
Ω, 1MΩ AND 10MΩ
AMBIENT TEMPERATURE (TA) = +25
oC
CX = 0.1
µF
-8
-6
-4
-2
0
2
4
6
8
0
5
10
15
20
25
SUPPLY VOLTAGE (VDD) (V)
10M
Ω
10k
Ω, 100kΩ, 1MΩ AND 10MΩ
RX = 10k
Ω, 100kΩ, 1MΩ
AMBIENT TEMPERATURE (TA) = +25
oC
CX = 1000pF
-8
-6
-4
-2
0
2
4
6
8
0
5
10
15
20
25
SUPPLY VOLTAGE (VDD) (V)
RX = 1M
Ω AND 10Ω
100k
Ω
10k
Ω
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com