Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD4047 Datasheet(PDF) 15 Page - SYC Electronica

No. de pieza CD4047
Descripción Electrónicos  CMOS Low-Power Monostable/Astable Multivibrator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SYC [SYC Electronica]
Página de inicio  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

CD4047 Datasheet(HTML) 15 Page - SYC Electronica

Back Button CD4047 Datasheet HTML 7Page - SYC Electronica CD4047 Datasheet HTML 8Page - SYC Electronica CD4047 Datasheet HTML 9Page - SYC Electronica CD4047 Datasheet HTML 10Page - SYC Electronica CD4047 Datasheet HTML 11Page - SYC Electronica CD4047 Datasheet HTML 12Page - SYC Electronica CD4047 Datasheet HTML 13Page - SYC Electronica CD4047 Datasheet HTML 14Page - SYC Electronica CD4047 Datasheet HTML 15Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
CD4047BMS
Chip Dimensions and Pad Layout
Dimensions in parenthesis are in millimeters and are
derived from the basic inch dimensions as indicated.
Grid graduations are in mils (10-3 inch).
METALLIZATION:
Thickness: 11k
Å
− 14kÅ, AL.
PASSIVATION:
10.4kÅ - 15.6k
Å, Silane
BOND PADS:
0.004 inches X 0.004 inches MIN
DIE THICKNESS:
0.0198 inches - 0.0218 inches
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com