Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LS273 Datasheet(PDF) 5 Page - SYC Electronica

No. de pieza 74LS273
Descripción Electrónicos  Octal D Flip-Flop with Clear
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SYC [SYC Electronica]
Página de inicio  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

74LS273 Datasheet(HTML) 5 Page - SYC Electronica

  74LS273 Datasheet HTML 1Page - SYC Electronica 74LS273 Datasheet HTML 2Page - SYC Electronica 74LS273 Datasheet HTML 3Page - SYC Electronica 74LS273 Datasheet HTML 4Page - SYC Electronica 74LS273 Datasheet HTML 5Page - SYC Electronica 74LS273 Datasheet HTML 6Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SN74LS273
5
PACKAGE DIMENSIONS
N SUFFIX
PLASTIC PACKAGE
CASE 738–03
ISSUE E
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION L TO CENTER OF LEAD WHEN
FORMED PARALLEL.
4. DIMENSION B DOES NOT INCLUDE MOLD
FLASH.
M
L
J 20 PL
M
B
M
0.25 (0.010)
T
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
25.66
27.17
1.010
1.070
B
6.10
6.60
0.240
0.260
C
3.81
4.57
0.150
0.180
D
0.39
0.55
0.015
0.022
G
2.54 BSC
0.100 BSC
J
0.21
0.38
0.008
0.015
K
2.80
3.55
0.110
0.140
L
7.62 BSC
0.300 BSC
M
0
15
0
15
N
0.51
1.01
0.020
0.040
__
__
E
1.27
1.77
0.050
0.070
1
11
10
20
–A–
SEATING
PLANE
K
N
F
G
D 20 PL
–T–
M
A
M
0.25 (0.010)
T
E
B
C
F
1.27 BSC
0.050 BSC
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6