Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STP20NF06L Datasheet(PDF) 3 Page - STMicroelectronics

No. de pieza STP20NF06L
Descripción Electrónicos  N-channel 60V - 0.06Ω - 20A - D2PAK/TO-220/TO-220FP STripFET??II Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP20NF06L Datasheet(HTML) 3 Page - STMicroelectronics

  STP20NF06L Datasheet HTML 1Page - STMicroelectronics STP20NF06L Datasheet HTML 2Page - STMicroelectronics STP20NF06L Datasheet HTML 3Page - STMicroelectronics STP20NF06L Datasheet HTML 4Page - STMicroelectronics STP20NF06L Datasheet HTML 5Page - STMicroelectronics STP20NF06L Datasheet HTML 6Page - STMicroelectronics STP20NF06L Datasheet HTML 7Page - STMicroelectronics STP20NF06L Datasheet HTML 8Page - STMicroelectronics STP20NF06L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
STB20NF06L - STF20NF06L - STP20NF06L
Electrical ratings
3/16
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220/D²PAK
TO-220FP
VDS
Drain-source voltage (VGS = 0)
60
V
VGS
Gate- source voltage
± 18
V
ID
Drain current (continuous) at TC = 25°C
20
20 (1)
1.
Refer to SOA for the max allowable current value on FP-type due to Rth value
A
ID
Drain current (continuous) at TC = 100°C
14
14 (1)
A
IDM
(2)
2.
Pulse width limited by safe operating area.
Drain current (pulsed)
80
80 (1)
A
Ptot
Total dissipation at TC = 25°C
60
28
W
Derating Factor
0.4
0.18
W/°C
dv/dt (3)
3.
ISD ≤20A, di/dt ≤200A/µs, VDD ≤V(BR)DSS, Tj ≤TJMAX
Peak diode recovery voltage slope
9
V/ns
EAS
(4)
4.
Starting Tj = 25 °C, ID = 10A, VDD = 30V
Single pulse avalanche energy
120
mJ
Tstg
Storage temperature
-55 to 175
°C
Tj
Max. operating junction temperature
Table 2.
Thermal data
Symbol
Parameter
TO-220/D²PAK
TO-220FP
Unit
Rthj-case
Thermal resistance junction-case max
2.5
5.35
°C/W
Rthj-amb
Thermal resistance junction-ambient max
62.5
°C/W
Tl
Maximum lead temperature for soldering
purpose (for 10sec. 1.6mm from case)
300
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16