Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SC4538EVB Datasheet(PDF) 10 Page - Semtech Corporation

No. de pieza SC4538EVB
Descripción Electrónicos  High Effi ciency Boost Converter for up to 10 LEDs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMTECH [Semtech Corporation]
Página de inicio  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4538EVB Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC4538EVB Datasheet HTML 6Page - Semtech Corporation SC4538EVB Datasheet HTML 7Page - Semtech Corporation SC4538EVB Datasheet HTML 8Page - Semtech Corporation SC4538EVB Datasheet HTML 9Page - Semtech Corporation SC4538EVB Datasheet HTML 10Page - Semtech Corporation SC4538EVB Datasheet HTML 11Page - Semtech Corporation SC4538EVB Datasheet HTML 12Page - Semtech Corporation SC4538EVB Datasheet HTML 13Page - Semtech Corporation SC4538EVB Datasheet HTML 14Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
SC4538
Applications Information
General Description
The SC4538 contains an 800kHz fixed-frequency current-
mode boost converter and an independent LED current
regulator. The LED current set point is chosen using an
external resistor, while the PWM controller operates inde-
pendently to keep the current in regulation. The SC4538
receives information from the internal LED current regula-
tor and drives the output to the proper voltage with no
user intervention.
The current flowing through the LED string is indepen-
dently controlled by an internal current regulator, unlike
the ballasting resistor scheme that many LED current reg-
ulators use. The internal current regulator can be shut off
entirely without leaking current from a charged output
capacitor or causing false-lighting with low LED count and
high V
IN
. The backlight current (I
BL
) is programmed using
an external resistor.
The path from the EN pin to the output control is a high
bandwidth control loop. This feature allows the PWM
dimming frequency to range between 100Hz and 50kHz.
In shutdown mode, leakage through the current regulator
output is less than 1μA, keeping the output capacitor
charged and ready for instant activation of the LED
strand.
The 800kHz switching speed provides high output power
while allowing the use of a 1.0mm-high inductor, maxi-
mizing efficiency for space constrained and cost-sensitive
applications. In addition, the converter and output capaci-
tor are protected from open-LED conditions by
over-voltage protection.
PWM Dimming
The enable pin can be toggled to allow PWM dimming. In
a typical application, a microcontroller sets a register or
counter that varies the pulse width on a GPIO pin. The
SC4538 provides dimming between 100Hz and 50kHz,
allowing for compatibility with a wide range of devices,
including dimming strategies that avoid the audio band
by using high frequency PWM dimming. A wide range of
illumination can be generated while keeping the instanta-
neous LED current at its peak value for luminescent
efficiency and color purity. The SC4538 can acomodate
any PWM duty cycle between 0 and 100%. A low duty
cycle PWM signal used for a few milliseconds provides the
additional advantage of reduced in-rush at start up.
The start-up delay time between the enable signal going
high and the internal current regulator activating causes a
small offset dependent upon the PWM frequency seen by
the EN pin. As the PWM signal frequency goes higher, the
effect of the delay becomes noticeable.
Zero Duty Cycle Mode
Zero duty cycle mode is activated when the voltage on
the BL pin exceeds 1.3V. In this mode, the COMP pin
voltage is pulled low, suspending all switching. This allows
the V
OUT
and V
BL
voltages to fall. The COMP voltage is held
low until the V
BL
falls below 1V, allowing COMP to return to
its normal operating voltage and switching to resume.
Protection Features
The SC4538 provides several protection features to safe-
guard the device from catastrophic failures. These features
include:
Over-voltage protection (OVP)
Soft-start
Thermal shutdown
Current Limit
Over-Voltage Protection (OVP)
The SC4538 includes a built-in over-voltage protection
circuit to prevent damage to the IC and output capacitor
in the event of an open-circuit condition. The output
voltage of the boost converter is detected at the OUT pin
and divided internally. If the voltage at the OUT pin
exceeds the OVP limit, the boost converter is shut down,
and a strong pull down is applied to the OUT pin to quickly
discharge the output capacitor. This additional level of
protection prevents a condition where the output capaci-
tor and Schottky diode must endure high voltage for an
extended period of time.
Soft-Start
The soft-start mode reduces in-rush current by utilizing
the external compensation network. As the error amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com