Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SC4538EVB Datasheet(PDF) 5 Page - Semtech Corporation

No. de pieza SC4538EVB
Descripción Electrónicos  High Effi ciency Boost Converter for up to 10 LEDs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMTECH [Semtech Corporation]
Página de inicio  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4538EVB Datasheet(HTML) 5 Page - Semtech Corporation

  SC4538EVB Datasheet HTML 1Page - Semtech Corporation SC4538EVB Datasheet HTML 2Page - Semtech Corporation SC4538EVB Datasheet HTML 3Page - Semtech Corporation SC4538EVB Datasheet HTML 4Page - Semtech Corporation SC4538EVB Datasheet HTML 5Page - Semtech Corporation SC4538EVB Datasheet HTML 6Page - Semtech Corporation SC4538EVB Datasheet HTML 7Page - Semtech Corporation SC4538EVB Datasheet HTML 8Page - Semtech Corporation SC4538EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
Typical Characteristics
All data taken with V
OUT
= 20V, R
ISET
= 5.76kΩ, V
IN
= 3.6V, and efficiency (η) = P
LED
/P
IN
unless otherwise noted.
Efficiency vs. I
BL
0
20
40
60
80
100
0.0
6.0
12.0
18.0
24.0
30.0
5.5VIN
3.6VIN
2.8VIN
Efficiency vs. Input Voltage
Normalized I
BL vs. Output Voltage
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
0.0
8.0
16.0
24.0
32.0
40.0
Efficiency vs. Input Voltage
70
74
78
82
86
90
2.8
3.3
3.9
4.4
5.0
5.5
10mA
20mA
30mA
Efficiency vs. Output Voltage
I
BL
(mA)
V
IN
(V)
V
OUT
(V)
70
74
78
82
86
90
0.0
8.0
16.0
24.0
32.0
40.0
3.6VIN
5.5VIN
2.8VIN
V
OUT
(V)
70
74
78
82
86
90
2.8
3.3
3.9
4.4
5.0
5.5
VOUT Efficiency
LED Efficiency
V
IN
(V)
70
74
78
82
86
90
2.8
3.3
3.9
4.4
5.0
5.5
10 LED
6 LED
4 LED
V
IN
(V)
Efficiency vs. Input Voltage
SC4538



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com