Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

841.310 Datasheet(PDF) 3 Page - France Joint

No. de pieza 841.310
Descripción Electrónicos  ROTO SEALS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FRANCEJOINT [France Joint]
Página de inicio  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

841.310 Datasheet(HTML) 3 Page - France Joint

  841.310 Datasheet HTML 1Page - France Joint 841.310 Datasheet HTML 2Page - France Joint 841.310 Datasheet HTML 3Page - France Joint 841.310 Datasheet HTML 4Page - France Joint 841.310 Datasheet HTML 5Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Ød2
R1
P
L1
C
10/20°
R2
|
INSTALLATION DIMENSIONS
Bore diameter
ØD1 H9
Groove diameter
Groove width
Radial section
O’Ring
cross-section
Number of grooves
BECA 843
Standard range
BECA 841
Heavy-duty range
Ød1 h9
L1 0/+0.20
S
Ød2
8.0 - 39.9
---
D1 - 4.90
2.20
2.45
1.78
1
40.0 - 79.9
14.0 - 39.9
D1 - 7.50
3.20
3.75
2.62
1
80.0 - 132.9
40.0 - 79.9
D1 - 11.00
4.20
5.50
3.53
2
133.0 - 329.9
80.0 - 132.9
D1 - 15.50
6.30
7.75
5.33
2
330.0 - 669.9
133.0 - 329.9
D1 - 21.00
8.10
10.50
6.99
2
670.0 - 999.9
330.0 - 669.9
D1 - 28.00
9.50
14.00
8.40
2
For special applications > 30 MPa, we recommend using an H8/f8 tolerance (bore/groove) or selecting other, more suitable materials. Please
contact our experts.
* The codes that define the materials are set out in the materials table on the previous page.
|
EXAMPLE OF CODIFICATION
STANDARD CODIFICATION
Materials ________ : Friction ring, PTFE + 60% Bronze - Code DB
________________ : NBR 70 Shore A O'Ring - Code K6
Bore diameter ____ : ØD1 = 50.00 mm
Groove diameter __ : Ød1 = 42.50 mm
Part number______ : 843. 050DBK6
Family
Rod diameter
Friction ring material*
O'Ring material*
843.
050
DB
K6
Part number -
ROTARY SEALS | ROTO SEALS |
BECA 841 - 843
www.francejoint.com



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com