Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

841.310 Datasheet(PDF) 2 Page - France Joint

No. de pieza 841.310
Descripción Electrónicos  ROTO SEALS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FRANCEJOINT [France Joint]
Página de inicio  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

841.310 Datasheet(HTML) 2 Page - France Joint

  841.310 Datasheet HTML 1Page - France Joint 841.310 Datasheet HTML 2Page - France Joint 841.310 Datasheet HTML 3Page - France Joint 841.310 Datasheet HTML 4Page - France Joint 841.310 Datasheet HTML 5Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
|
TABLE MATERIALS
Friction ring
O'Ring
Mating surface
material
Standard
code
ISO
code
Material
Colour
Characteristics
Code Type of material
Service
temperature
DP
P
Virgin PTFE
White
Resistance to chemical products
Impermeability
Dielectric
Non-stick
Low friction coefficient
Food industry
K6
NBR 70 Shore A
-30°C/+100°C
Steel
Stainless steel
Chrome steel
Aluminium
Bronze
Cast iron
Treated surface
G6
FKM 70 Shore A
-20°C/+200°C
C6
EPDM 70 Shore A
-45°C/+150°C
F6
VMQ 70 Shore A
-60°C/+200°C
DC
C
PTFE + 25%
Carbon
Grey
Improvements
• Wear properties
• Compression set
Good resistance to chemical products
Thermal and electrical conductivity
Anti-static
High-performing in compression-based
dynamic applications
K6
NBR 70 Shore A
-30°C/+100°C
G6
FKM 70 Shore A
-20°C/+200°C
C6
EPDM 70 Shore A
-45°C/+150°C
CG
C
PTFE + 23%
Carbon + 2%
Graphite
Black
K6
NBR 70 Shore A
-30°C/+100°C
G6
FKM 70 Shore A
-20°C/+200°C
C6
EPDM 70 Shore A
-45°C/+150°C
DV
V
PTFE + 25 %
Glass
Blue
Improvements
• Wear properties
• Mechanical strength
Slightly more abrasive, however, this is
corrected by adding MOS2
Maintains its chemical and dielectric
properties
Well-suited to applications with rotational
and simultaneous alternating movements
K6
NBR 70 Shore A
-30°C/+100°C
Steel
Chrome steel
Cast iron
G6
FKM 70 Shore A
-20°C/+200°C
VM
M
PTFE + 15 %
Glass + 5%
MOS2
Grey
K6
NBR 70 Shore A
-30°C/+100°C
G6
FKM 70 Shore A
-20°C/+200°C
DX
X
PTFE GL Blue
+ Glass +
Metal oxides
Turquoise
blue
Resistance to compression
Resistance to wear
Excellent chemical stability
Good thermal conductivity
K6
NBR 70 Shore A
-30°C/+100°C
G6
FKM 70 Shore A
-20°C/+200°C
DG
G
PTFE + 15%
Graphite
Black
Improvements
• Wear properties
Reduced wear on metal parts
Self-lubricating
Thermal and electrical conductivity
Low permeability
Good friction coefficient
Anti-static
High performing in dynamic self-lubricating
applications
K6
NBR 70 Shore A
-30°C/+100°C
Steel
Stainless steel
Chrome steel
Aluminium
Bronze
Cast iron
Treated surface
G6
FKM 70 Shore A
-20°C/+200°C
C6
EPDM 70 Shore A
-45°C/+150°C
K1
K
PTFE + 10%
Ekonol
Light
brown
Improvements
• Better abrasion resistance
• Better dimensional stability at high
temperatures
Use up to +300°C
Good friction coefficient and low
permeability
K6
NBR 70 Shore A
-30°C/+100°C
G6
FKM 70 Shore A
-20°C/+200°C
C6
EPDM 70 Shore A
-45°C/+150°C
K2
K
PTFE + 20%
Ekonol
Light
brown
K6
NBR 70 Shore A
-30°C/+100°C
G6
FKM 70 Shore A
-20°C/+200°C
C6
EPDM 70 Shore A
-45°C/+150°C
DB
B
PTFE + 60%
Bronze
Dark
brown
Improvements
• Wear properties
• Warping resistance and creep strength
• Compression resistance
Self-lubricating
Electrical and thermal conductivity
Does not alter the metal parts
Reduced hold with certain chemical
products
Used for high-compression dynamic seals
and has a low level of wear
K6
NBR 70 Shore A
-30°C/+100°C
Steel
Chrome steel
Cast iron
G6
FKM 70 Shore A
-20°C/+200°C
B4
B
PTFE + 40%
Bronze
Dark
brown
K6
NBR 70 Shore A
-30°C/+100°C
G6
FKM 70 Shore A
-20°C/+200°C
HG
HG
PE-UHMW
White or
off-white
Excellent wear resistance on contact with
water and air
K6
NBR 70 Shore A
-30°C/+80°C
Steel
Stainless steel
Chrome steel
Aluminium
Bronze
Cast iron
Treated surface
PU
U
Polyurethane
Blue
Strong mechanical resistance
Good resistance to wear and abrasion
High elasticity modulus
Good flexibility
Very good resistance to ozone and oxidation
K6
NBR 70 Shore A
-30°C/+90°C
PUHT
U
High-
temperature
polyurethane
White or
off-white
K6
NBR 70 Shore A
-30°C/+100°C
Other grades of materials are available depending on your specificities.
ROTARY SEALS | ROTO SEALS |
BECA 841 - 843
www.francejoint.com



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com