Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TIPL761B Datasheet(PDF) 4 Page - Power Innovations Ltd

No. de pieza TIPL761B
Descripción Electrónicos  NPN SILICON POWER TRANSISTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  POINN [Power Innovations Ltd]
Página de inicio  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TIPL761B Datasheet(HTML) 4 Page - Power Innovations Ltd

  TIPL761B Datasheet HTML 1Page - Power Innovations Ltd TIPL761B Datasheet HTML 2Page - Power Innovations Ltd TIPL761B Datasheet HTML 3Page - Power Innovations Ltd TIPL761B Datasheet HTML 4Page - Power Innovations Ltd TIPL761B Datasheet HTML 5Page - Power Innovations Ltd TIPL761B Datasheet HTML 6Page - Power Innovations Ltd TIPL761B Datasheet HTML 7Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TIPL761B, TIPL761C
NPN SILICON POWER TRANSISTORS
4
MAY 1989 - REVISED MARCH 1997
PRODUCT
INFORMATION
TYPICAL CHARACTERISTICS
Figure 3.
Figure 4.
Figure 5.
Figure 6.
TYPICAL DC CURRENT GAIN
vs
COLLECTOR CURRENT
I
C - Collector Current - A
0·1
1·0
10
1·0
10
100
TCP741AA
V
CE = 5 V
T
C = 125°C
T
C =
25°C
T
C = -65°C
COLLECTOR-EMITTER SATURATION VOLTAGE
vs
BASE CURRENT
I
B - Base Current - A
0
0·5
1·0
1·5
2·0
0
1·0
2·0
3·0
4·0
5·0
TCP741AB
T
C =
25°C
T
C = 100°C
I
C = 4 A
I
C = 3 A
I
C = 2 A
I
C = 1 A
BASE-EMITTER SATURATION VOLTAGE
vs
BASE CURRENT
I
B - Base Current - A
0
0·2
0·4
0·6
0·8
1·0
1·2
1·4
1·6
0·75
0·85
0·95
1·05
1·15
1·25
TCP741AC
T
C = 25°C
I
C = 4 A
I
C = 3 A
I
C = 2 A
I
C = 1 A
COLLECTOR CUT-OFF CURRENT
vs
CASE TEMPERATURE
T
C - Case Temperature - °C
-60
-30
0
30
60
90
120
0·001
0·01
0·1
1·0
10
TCP741AN
TIPL761C
V
CE = 1200 V
TIPL761B
V
CE = 1100 V



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com