Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

JCS160N08I Datasheet(PDF) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

No. de pieza JCS160N08I
Descripción Electrónicos  N-CHANNEL MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Página de inicio  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS160N08I Datasheet(HTML) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS160N08I Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS160N08I Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS160N08I Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS160N08I Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS160N08I Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS160N08I Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS160N08I Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS160N08I Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
JCS160N08I
版本:201907A
2/8
绝对最大额定值
ABSOLUTE RATINGS (Tc=25℃)
*漏极电流由最高结温限制
*Drain current limited by maximum junction temperature
数
值
Value
项
目
Parameter
符
号
Symbol
JCS160N08I(TO-263)
单
位
Unit
最高漏极-源极直流电压
Drain-Source Voltage
VDSS
80
V
ID
T=25℃
160*
A
连续漏极电流
Drain Current
-continuous
ID
T=100℃
128*
A
最大脉冲漏极电流(注 1)
Drain Current - pulse
(note 1)
IDM
640*
A
最高栅源电压
Gate-Source Voltage
VGSS
±20
V
单脉冲雪崩能量(注 2)
Single Pulsed Avalanche
Energy(note 2)
EAS
1200
mJ
雪崩电流(注 1)
Avalanche Current
(note 1)
IAR
70
A
重复雪崩能量(注 1)
Repetitive Avalanche Current
(note 1)
EAR
600
mJ
二极管反向恢复最大电压变化
速率(注 3)
Peak Diode Recovery
dv/dt
(note 3)
dv/dt
18
V/ns
250
W
耗散功率
Power Dissipation
PD
TC=25℃
-Derate above
25℃
1.67
W/℃
最高结温及存储温度
Operating and Storage
Temperature Range
TJ,TSTG
-55~+175
℃
引线最高焊接温度
Maximum Lead Temperature
for Soldering Purposes
TL
300
℃



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com