| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
24LC256-I/SM Datasheet(PDF) 19 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
24LC256-I/SM Datasheet(HTML) 19 Page - Microchip Technology |
|
19 / 42 page ![]() © 2007 Microchip Technology Inc. DS21930B-page 19 24AAXX/24LCXX/24FCXX 8.0 READ OPERATION Read operations are initiated in much the same way as write operations with the exception that the R/W bit of the control byte is set to ‘1’. There are three basic types of read operations: current address read, random read and sequential read. 8.1 Current Address Read The 24XX contains an address counter that maintains the address of the last byte accessed, internally incre- mented by ‘1’. Therefore, if the previous read or write operation was to address ‘ n’ (n is any legal address), the next current address read operation would access data from address n + 1. Upon receipt of the control byte with R/W bit set to ‘1’, the 24XX issues an acknowledge and transmits the 8-bit data byte. The master will not acknowledge the transfer, but does generate a Stop condition and the 24XX discontinues transmission (Figure 8-1). FIGURE 8-1: CURRENT ADDRESS READ 8.2 Random Read Random read operations allow the master to access any memory location in a random manner. To perform this type of read operation, the byte address must first be set. This is done by sending the byte address to the 24XX as part of a write operation (R/W bit set to ‘0 ’). Once the byte address is sent, the master generates a Start condition following the acknowledge. This termi- nates the write operation, but not before the internal address counter is set. The master then issues the control byte again, but with the R/W bit set to a ‘1’. The 24XX will then issue an acknowledge and transmit the 8-bit data byte. The master will not acknowledge the transfer but does generate a Stop condition, which causes the 24XX to discontinue transmission (Figure 8-2 and Figure 8-3). After a random Read command, the internal address counter will increment to the next address location. FIGURE 8-2: RANDOM READ: 128-BIT TO 16 KBIT DEVICES FIGURE 8-3: RANDOM READ: 32 TO 512 KBIT DEVICES Bus Activity Master SDA Line Bus Activity P S S T O P Control Byte S T A R T Data A C K N O A C K Byte S P S Bus Activity Master SDA Line Bus Activity S T A R T S T O P Control Byte A C K Address Byte (n) Control Byte S T A R T Data A C K A C K N O A C K Byte Bus Activity Master SDA Line Bus Activity A C K N O A C K A C K A C K A C K S T O P S T A R T Control Byte High Order Address Byte Low Order Address Byte Control Byte Data Byte S T A R T S S P |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |