Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

24LC256-I/SM Datasheet(PDF) 39 Page - Microchip Technology

No. de pieza 24LC256-I/SM
Descripción Electrónicos  I2C??Serial EEPROM Family Data Sheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC256-I/SM Datasheet(HTML) 39 Page - Microchip Technology

Back Button 24LC256-I/SM Datasheet HTML 34Page - Microchip Technology 24LC256-I/SM Datasheet HTML 35Page - Microchip Technology 24LC256-I/SM Datasheet HTML 36Page - Microchip Technology 24LC256-I/SM Datasheet HTML 37Page - Microchip Technology 24LC256-I/SM Datasheet HTML 38Page - Microchip Technology 24LC256-I/SM Datasheet HTML 39Page - Microchip Technology 24LC256-I/SM Datasheet HTML 40Page - Microchip Technology 24LC256-I/SM Datasheet HTML 41Page - Microchip Technology 24LC256-I/SM Datasheet HTML 42Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
© 2007 Microchip Technology Inc.
DS21930B-page 39
24AAXX/24LCXX/24FCXX
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
PART NO.
X
/XX
Package
Temperature
Range
Device Part
Examples:
a)
24AA014-I/SN:
1
Kbit,
Industrial
Temperature, 1.7V, SOIC package
b)
24AA02T-I/OT:
2
Kbit,
Industrial
Temperature, 1.7V, SOT-23 package,
Tape and Reel
c)
24LC16B-I/P: 16 Kbit, Industrial Tempera-
ture, 2.5V, PDIP package
d)
24LC32A-E/MS:
32
Kbit,
Extended
Temperature, 2.5V, MSOP package
e)
24LC64T-I/MC:
64
Kbit,
Industrial
Temperature, 2.5V 2x3 mm DFN package,
Tape and Reel
f)
24FC512T-I/SM:
512
Kbit,
Industrial
Temperature, 1 MHz, SOIC package,
Tape and Reel
Device:
See Table 1-1
Temperature
Range:
I
= -40°C to +85°C
E
= -40°C to +125°C
Packaging
Medium:
T
= Tape and Reel
Blank = Tube
Package:
P
= Plastic DIP (300 mil body), 8-lead
SN
= Plastic SOIC (3.90 mm body), 8-lead
SM
= Plastic SOIC (208 mil body), 8-lead
ST
= Plastic TSSOP (4.4 mm), 8-lead
MS
= Plastic Micro Small Outline (MSOP), 8-lead
OT
= SOT-23, 5-lead (Tape and Reel only)
MC
= 2x3 mm DFN, 8-lead
MF
= 5x6 mm DFN, 8-lead
Number
(Table 1-1)
X
Packaging
Medium



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com