Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SPN1012 Datasheet(PDF) 2 Page - SYNC POWER Crop.

No. de pieza SPN1012
Descripción Electrónicos  N-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SYNC-POWER [SYNC POWER Crop.]
Página de inicio  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPN1012 Datasheet(HTML) 2 Page - SYNC POWER Crop.

  SPN1012 Datasheet HTML 1Page - SYNC POWER Crop. SPN1012 Datasheet HTML 2Page - SYNC POWER Crop. SPN1012 Datasheet HTML 3Page - SYNC POWER Crop. SPN1012 Datasheet HTML 4Page - SYNC POWER Crop. SPN1012 Datasheet HTML 5Page - SYNC POWER Crop. SPN1012 Datasheet HTML 6Page - SYNC POWER Crop. SPN1012 Datasheet HTML 7Page - SYNC POWER Crop. SPN1012 Datasheet HTML 8Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2007/01/ 02
Ver.2
Page 2
SPN1012
N-Channel Enhancement Mode MOSFET
PIN DESCRIPTION
Pin
Symbol
Description
1
G
Gate
2
S
Source
3
D
Drain
ORDERING INFORMATION
Part Number
Package
Part
Marking
SPN1012S52RG
SOT-523
X
SPN1012S52RG : Tape Reel ; Pb – Free
ABSOULTE MAXIMUM RATINGS
(TA=25
Unless otherwise noted)
Parameter
Symbol
Typical
Unit
Drain-Source Voltage
VDSS
20
V
Gate –Source Voltage
VGSS
±12
V
TA=25℃
0.65
Continuous Drain Current(TJ=150 )
TA=80℃
ID
0.45
A
Pulsed Drain Current
IDM
1.0
A
Continuous Source Current(Diode Conduction)
IS
0.3
A
TA=25℃
0.27
Power Dissipation
TA=70℃
PD
0.16
W
Operating Junction Temperature
TJ
-55/150
Storage Temperature Range
TSTG
-55/150



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com