Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

APTGT200H60G Datasheet(PDF) 5 Page - Microsemi Corporation

No. de pieza APTGT200H60G
Descripción Electrónicos  Full - Bridge Trench Field Stop IGBT Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGT200H60G Datasheet(HTML) 5 Page - Microsemi Corporation

  APTGT200H60G Datasheet HTML 1Page - Microsemi Corporation APTGT200H60G Datasheet HTML 2Page - Microsemi Corporation APTGT200H60G Datasheet HTML 3Page - Microsemi Corporation APTGT200H60G Datasheet HTML 4Page - Microsemi Corporation APTGT200H60G Datasheet HTML 5Page - Microsemi Corporation APTGT200H60G Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
APTGT200H60G
www.microsemi.com
5 - 6
Forward Characteristic of diode
TJ=25°C
TJ=125°C
TJ=150°C
0
50
100
150
200
250
300
350
400
0
0.4
0.8
1.2
1.6
2
2.4
V
F (V)
Hard
switching
ZCS
ZVS
0
20
40
60
80
100
120
0
50
100
150
200
250
I
C (A)
VCE=300V
D=50%
RG=2Ω
TJ=150°C
Tc=85°C
Operating Frequency vs Collector Current
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.00001
0.0001
0.001
0.01
0.1
1
10
Rectangular Pulse Duration in Seconds
Diode
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com