Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDD6676AS Datasheet(PDF) 3 Page - BYCHIP ELECTRONICS CO., LIMITED

No. de pieza FDD6676AS
Descripción Electrónicos  N-channel Advanced Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Página de inicio  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED

FDD6676AS Datasheet(HTML) 3 Page - BYCHIP ELECTRONICS CO., LIMITED

  FDD6676AS Datasheet HTML 1Page - BYCHIP ELECTRONICS CO., LIMITED FDD6676AS Datasheet HTML 2Page - BYCHIP ELECTRONICS CO., LIMITED FDD6676AS Datasheet HTML 3Page - BYCHIP ELECTRONICS CO., LIMITED FDD6676AS Datasheet HTML 4Page - BYCHIP ELECTRONICS CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Typical Electrical & Thermal Characteristics
0.001
0.01
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
VSD (V)
Figure 5: Body-Diode Characteristics
0
30
60
90
120
150
0
0.6
1.2
1.8
2.4
3
VDS (V)
Figure 1: Saturation Characteristics
VGS = 2.3V
0
0.8
1.6
2.4
3.2
4
0
20
406080
100
120
ID (A)
Figure 3: RDS(ON) vs. Drain Current
0
6
12
18
24
30
11.5
22.53
VGS (V)
Figure 2: Transfer Characteristics
TJ = 125°C
1
10
100
1000
10000
0
8
16
24
32
40
VDS (V)
Figure 6: Capacitance Characteristics
0
0.5
1
1.5
2
2.5
-50
0
50
100
150
Temperature (
C)
Figure 4: RDS(ON) vs. Junction Temperature
TJ = 25°C
VDS = 5.0V
VGS = 10V
VGS = 5.0V
VGS = 4.5V
VGS = 4.0V
VGS = 2.5V
VGS = 3.0V
VGS = 2.7V
VGS = 10V
VGS = 10V
ID = 20A
TJ = 125°C
TJ = 25°C
Crss
Coss
Ciss
VGS = 4.5V
ID = 15A
VGS = 4.5V
www.bychip.cn
FDD6676AS
v3.0



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com