Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP112DX Datasheet(PDF) 36 Page - Texas Instruments

No. de pieza TMP112DX
Descripción Electrónicos  TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TMP112DX Datasheet(HTML) 36 Page - Texas Instruments

Back Button TMP112DX Datasheet HTML 32Page - Texas Instruments TMP112DX Datasheet HTML 33Page - Texas Instruments TMP112DX Datasheet HTML 34Page - Texas Instruments TMP112DX Datasheet HTML 35Page - Texas Instruments TMP112DX Datasheet HTML 36Page - Texas Instruments TMP112DX Datasheet HTML 37Page - Texas Instruments TMP112DX Datasheet HTML 38Page - Texas Instruments TMP112DX Datasheet HTML 39Page - Texas Instruments TMP112DX Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 47 page
background image
www.ti.com
PACKAGE OUTLINE
C
4X 0.27
0.17
3X 0.288
0.188
0.4 MAX
0.05
0.00
2X
0.48
0.239
0.139
0.25 0.1
B
0.85
0.75
A
0.85
0.75
(0.1)
4X (0.05)
(0.324)
2X (0.26)
X2SON - 0.4 mm max height
DPW0005A
PLASTIC SMALL OUTLINE - NO LEAD
4223102/D 03/2022
PIN 1 INDEX AREA
SEATING PLANE
NOTE 3
1
2
3
4
0.1
C A B
0.05
C
5
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The size and shape of this feature may vary.
NOTE 3
SCALE 12.000
TMP112
SBOS473J – MARCH 2009 – REVISED FEBRUARY 2024
www.ti.com
36
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMP112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com