Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP112DX Datasheet(PDF) 16 Page - Texas Instruments

No. de pieza TMP112DX
Descripción Electrónicos  TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TMP112DX Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMP112DX Datasheet HTML 12Page - Texas Instruments TMP112DX Datasheet HTML 13Page - Texas Instruments TMP112DX Datasheet HTML 14Page - Texas Instruments TMP112DX Datasheet HTML 15Page - Texas Instruments TMP112DX Datasheet HTML 16Page - Texas Instruments TMP112DX Datasheet HTML 17Page - Texas Instruments TMP112DX Datasheet HTML 18Page - Texas Instruments TMP112DX Datasheet HTML 19Page - Texas Instruments TMP112DX Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
Table 7-2 does not list all temperatures. Use the following rules to obtain the digital data format for a given
temperature or the temperature for a given digital data format.
To convert positive temperatures to a digital data format:
1. Divide the temperature by the resolution
2. Convert the result to binary code with a 12-bit, left-justified format, and MSB = 0 to denote a positive sign.
Example: (50°C) / (0.0625°C / LSB) = 800 = 320h = 0011 0010 0000
To convert a positive digital data format to temperature:
1. Convert the 12-bit, left-justified binary temperature result, with the MSB = 0 to denote a positive sign, to a
decimal number.
2. Multiply the decimal number by the resolution to obtain the positive temperature.
Example: 0011 0010 0000 = 320h = 800 × (0.0625°C / LSB) = 50°C
To convert negative temperatures to a digital data format:
1. Divide the absolute value of the temperature by the resolution, and convert the result to binary code with a
12-bit, left-justified format.
2. Generate the twos complement of the result by complementing the binary number and adding one. Denote a
negative number with MSB = 1.
Example: (|–25°C|) / (0.0625°C / LSB) = 400 = 190h = 0001 1001 0000
Two's complement format: 1110 0110 1111 + 1 = 1110 0111 0000
To convert a negative digital data format to temperature:
1. Generate the twos compliment of the 12-bit, left-justified binary number of the temperature result (with
MSB = 1, denoting negative temperature result) by complementing the binary number and adding one. This
represents the binary number of the absolute value of the temperature.
2. Convert to decimal number and multiply by the resolution to get the absolute temperature, then multiply by
–1 for the negative sign.
Example: 1110 0111 0000 has twos compliment of 0001 1001 0000 = 0001 1000 1111 + 1
Convert to temperature: 0001 1001 0000 = 190h = 400; 400 × (0.0625°C / LSB) = 25°C = (|–25°C|); (|–
25°C|) × (–1) = –25°C
Table 7-3. 13-Bit Temperature Data Format
TEMPERATURE (°C)
DIGITAL OUTPUT (BINARY)
HEX
150
0 1001 0110 0000
0960
128
0 1000 0000 0000
0800
127.9375
0 0111 1111 1111
07FF
100
0 0110 0100 0000
0640
80
0 0101 0000 0000
0500
75
0 0100 1011 0000
04B0
50
0 0011 0010 0000
0320
25
0 0001 1001 0000
0190
0.25
0 0000 0000 0100
0004
0.0625
0 0000 0000 0001
0001
0
0 0000 0000 0000
0000
-0.0625
1 1111 1111 1111
1FFF
–0.25
1 1111 1111 1100
1FFC
–25
1 1110 0111 0000
1E70
–55
1 1100 1001 0000
1C90
TMP112
SBOS473J – MARCH 2009 – REVISED FEBRUARY 2024
www.ti.com
16
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMP112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com