Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCS08 Datasheet(PDF) 171 Page - Motorola, Inc

No. de pieza HCS08
Descripción Electrónicos  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 Datasheet(HTML) 171 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 167Page - Motorola, Inc HCS08 Datasheet HTML 168Page - Motorola, Inc HCS08 Datasheet HTML 169Page - Motorola, Inc HCS08 Datasheet HTML 170Page - Motorola, Inc HCS08 Datasheet HTML 171Page - Motorola, Inc HCS08 Datasheet HTML 172Page - Motorola, Inc HCS08 Datasheet HTML 173Page - Motorola, Inc HCS08 Datasheet HTML 174Page - Motorola, Inc HCS08 Datasheet HTML 175Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 290 page
background image
Data Sheet — MC9S08GB60/D V1.5
MOTOROLA
171
MC9S08GB/GT
Section 11 Serial Communications Interface (SCI) Module
11.1 Introduction
The MC9S08GB/GT includes two independent serial communications interface (SCI) modules which are
sometimes called universal asynchronous receiver/transmitters (UARTs). Typically, these systems are
used to connect to the RS232 serial input/output (I/O) port of a personal computer or workstation, and they
can also be used to communicate with other embedded controllers.
A flexible, 13-bit, modulo-based baud rate generator supports a broad range of standard baud rates beyond
115.2 kbaud. Transmit and receive within the same SCI use a common baud rate, and each SCI module
has a separate baud rate generator.
This SCI system offers many advanced features not commonly found on other asynchronous serial I/O
peripherals on other embedded controllers. The receiver employs an advanced data sampling technique
that ensures reliable communication and noise detection. Hardware parity, receiver wakeup, and double
buffering on transmit and receive are also included.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com