Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCS08 Datasheet(PDF) 168 Page - Motorola, Inc

No. de pieza HCS08
Descripción Electrónicos  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 Datasheet(HTML) 168 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 164Page - Motorola, Inc HCS08 Datasheet HTML 165Page - Motorola, Inc HCS08 Datasheet HTML 166Page - Motorola, Inc HCS08 Datasheet HTML 167Page - Motorola, Inc HCS08 Datasheet HTML 168Page - Motorola, Inc HCS08 Datasheet HTML 169Page - Motorola, Inc HCS08 Datasheet HTML 170Page - Motorola, Inc HCS08 Datasheet HTML 171Page - Motorola, Inc HCS08 Datasheet HTML 172Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 290 page
background image
Timer/PWM (TPM) Module
MC9S08GB/GT
168
MOTOROLA
Figure 10-9 Timer x Counter Modulo Register Low (TPMxMODL)
It is good practice to wait for an overflow interrupt so both bytes of the modulo register can be written well
before a new overflow. An alternative approach is to reset the TPM counter before writing to the TPM
modulo registers to avoid confusion about when the first counter overflow will occur.
10.7.4 Timer x Channel n Status and Control Register (TPMxCnSC)
TPMxCnSC contains the channel interrupt status flag and control bits which are used to configure the
interrupt enable, channel configuration, and pin function.
Figure 10-10 Timer x Channel n Status and Control Register (TPMxCnSC)
CHnF — Channel n Flag
When channel n is configured for input capture, this flag bit is set when an active edge occurs on the
channel n pin. When channel n is an output compare or edge-aligned PWM channel, CHnF is set when
the value in the TPM counter registers matches the value in the TPM channel n value registers. This
flag is seldom used with center-aligned PWMs because it is set every time the counter matches the
channel value register, which correspond to both edges of the active duty cycle period.
A corresponding interrupt is requested when CHnF is set and interrupts are enabled (CHnIE = 1). Clear
CHnF by reading TPMxCnSC while CHnF is set and then writing a logic 0 to CHnF. If another
interrupt request occurs before the clearing sequence is complete, the sequence is reset so CHnF would
remain set after the clear sequence was completed for the earlier CHnF. This is done so a CHnF
interrupt request cannot be lost by clearing a previous CHnF.
Reset clears the CHnF bit. Writing a logic 1 to CHnF has no effect.
1 = Input capture or output compare event occurred on channel n.
0 = No input capture or output compare event occurred on channel n.
Bit 7
654321
Bit 0
Read:
Bit 7
654321
Bit 0
Write:
Reset:
00000000
Bit 7
654321
Bit 0
Read:
CHnF
CHnIE
MSnB
MSnA
ELSnB
ELSnA
00
Write:
Reset:
00000000
= Unimplemented or Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com