Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCS08 Datasheet(PDF) 54 Page - Motorola, Inc

No. de pieza HCS08
Descripción Electrónicos  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 Datasheet(HTML) 54 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 50Page - Motorola, Inc HCS08 Datasheet HTML 51Page - Motorola, Inc HCS08 Datasheet HTML 52Page - Motorola, Inc HCS08 Datasheet HTML 53Page - Motorola, Inc HCS08 Datasheet HTML 54Page - Motorola, Inc HCS08 Datasheet HTML 55Page - Motorola, Inc HCS08 Datasheet HTML 56Page - Motorola, Inc HCS08 Datasheet HTML 57Page - Motorola, Inc HCS08 Datasheet HTML 58Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 290 page
background image
Memory
MC9S08GB/GT
54
MOTOROLA
4.4.5 Access Errors
An access error occurs whenever the command execution protocol is violated.
Any of the following specific actions will cause the access error flag (FACCERR) in FSTAT to be set.
FACCERR must be cleared by writing a 1 to FACCERR in FSTAT before any command can be
processed.
•
Writing to a FLASH address before the internal FLASH clock frequency has been set by writing to
the FCDIV register
•
Writing to a FLASH address while FCBEF is not set (A new command cannot be started until the
command buffer is empty.)
•
Writing a second time to a FLASH address before launching the previous command (There is only
one write to FLASH for every command.)
•
Writing a second time to FCMD before launching the previous command (There is only one write
to FCMD for every command.)
•
Writing to any FLASH control register other than FCMD after writing to a FLASH address
•
Writing any command code other than the five allowed codes ($05, $20, $25, $40, or $41) to FCMD
•
Accessing (read or write) any FLASH control register other than the write to FSTAT (to clear
FCBEF and launch the command) after writing the command to FCMD.
•
The MCU enters stop mode while a program or erase command is in progress (The command is
aborted.)
•
Writing the byte program, burst program, or page erase command code ($20, $25, or $40) with a
background debug command while the MCU is secured (The background debug controller can only
do blank check and mass erase commands when the MCU is secure.)
•
Writing 0 to FCBEF to cancel a partial command
4.4.6 FLASH Block Protection
Block protection prevents program or erase changes for FLASH memory locations in a designated address
range. Mass erase is disabled when any block of FLASH is protected. The MC9S08GB/GT allows a block
of memory at the end of FLASH, and/or the entire FLASH memory to be block protected. A disable
control bit and a 3-bit control field, allows the user to set the size of this block. A separate control bit allows
block protection of the entire FLASH memory array. All seven of these control bits are located in the
FPROT register (see 4.6.4 FLASH Protection Register (FPROT and NVPROT)).
At reset, the high-page register (FPROT) is loaded with the contents of the NVPROT location which is in
the nonvolatile register block of the FLASH memory. The value in FPROT cannot be changed directly
from application software so a runaway program cannot alter the block protection settings. If the last 512
bytes of FLASH which includes the NVPROT register is protected, the application program cannot alter
the block protection settings (intentionally or unintentionally). The FPROT control bits can be written by
background debug commands to allow a way to erase a protected FLASH memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com