| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HCS08 Datasheet(PDF) 138 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
HCS08 Datasheet(HTML) 138 Page - Motorola, Inc |
|
138 / 290 page ![]() Parallel Input/Output MC9S08GB/GT 138 MOTOROLA PTASEn — Slew Rate Control Enable for Port A Bit n (n = 0–7) For port A pins that are outputs, these read/write control bits determine whether the slew rate controlled outputs are enabled. For port A pins that are configured as inputs, these bits are ignored. 1 = Slew rate control enabled. 0 = Slew rate control disabled. PTADDn — Data Direction for Port A Bit n (n = 0–7) These read/write bits control the direction of port A pins and what is read for PTAD reads. 1 = Output driver enabled for port A bit n and PTAD reads return the contents of PTADn. 0 = Input (output driver disabled) and reads return the pin value. 8.6.2 Port B Registers (PTBD, PTBPE, PTBSE, and PTBDD) Port B includes eight general-purpose I/O pins that share with the ATD function. Port B pins used as general-purpose I/O pins are controlled by the port B data (PTBD), data direction (PTBDD), pullup enable (PTBPE) and slew rate control (PTBSE) registers. If the ATD takes control of a port B pin, the corresponding PTBDD, PTBSE, PTBPE bits are ignored. When a port B pin is being used as an ATD pin, reads of PTBD will return a logic 0 of the corresponding pin, provided PTBDD is a logic 0. Figure 8-10 Port B Registers PTBD Bit 7 654321 Bit 0 Read: PTBD7 PTBD6 PTBD5 PTBD4 PTBD3 PTBD2 PTBD1 PTBD0 Write: Reset: 00000000 PTBPE Read: PTBPE7 PTBPE6 PTBPE5 PTBPE4 PTBPE3 PTBPE2 PTBPE1 PTBPE0 Write: Reset: 00000000 PTBSE Read: PTBSE7 PTBSE6 PTBSE5 PTBSE4 PTBSE3 PTBSE2 PTBSE1 PTBSE0 Write: Reset: 00000000 PTBDD Read: PTBDD7 PTBDD6 PTBDD5 PTBDD4 PTBDD3 PTBDD2 PTBDD1 PTBDD0 Write: Reset: 00000000 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |