Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCS08 Datasheet(PDF) 135 Page - Motorola, Inc

No. de pieza HCS08
Descripción Electrónicos  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 Datasheet(HTML) 135 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 131Page - Motorola, Inc HCS08 Datasheet HTML 132Page - Motorola, Inc HCS08 Datasheet HTML 133Page - Motorola, Inc HCS08 Datasheet HTML 134Page - Motorola, Inc HCS08 Datasheet HTML 135Page - Motorola, Inc HCS08 Datasheet HTML 136Page - Motorola, Inc HCS08 Datasheet HTML 137Page - Motorola, Inc HCS08 Datasheet HTML 138Page - Motorola, Inc HCS08 Datasheet HTML 139Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 290 page
background image
Data Sheet — MC9S08GB60/D V1.5
MOTOROLA
135
MC9S08GB/GT
8.4 Parallel I/O Controls
Provided no on-chip peripheral is controlling a port pin, the pins operate as general-purpose I/O pins that
are accessed and controlled by a data register (PTxD), a data direction register (PTxDD), a pullup enable
register (PTxPE), and a slew rate control register (PTxSE) where x is A, B, C, D, E, F, or G.
Reads of the data register return the pin value (if PTxDDn = 0) or the contents of the port data register (if
PTxDDn = 1). Writes to the port data register are latched into the port register whether the pin is controlled
by an on-chip peripheral or the pin is configured as an input. If the corresponding pin is not controlled by
a peripheral and is configured as an output, this level will be driven out the port pin.
8.4.1 Data Direction Control
The data direction control bits determine whether the pin output driver is enabled, and they control what
is read for port data register reads. Each port pin has a data direction control bit. When PTxDDn = 0, the
corresponding pin is an input and reads of PTxD return the pin value. When PTxDDn = 1, the
corresponding pin is an output and reads of PTxD return the last value written to the port data register.
When a peripheral module or system function is in control of a port pin, the data direction control still
controls what is returned for reads of the port data register, even though the peripheral system has
overriding control of the actual pin direction.
For the MC9S08GB/GT MCU, reads of PTG0/BKGD/MS will return the value on the output pin.
It is a good programming practice to write to the port data register before changing the direction of a port
pin to become an output. This ensures that the pin will not be driven momentarily with an old data value
that happened to be in the port data register.
8.4.2 Internal Pullup Control
An internal pullup device can be enabled for each port pin that is configured as an input (PTxDDn = 0).
The pullup device is available for a peripheral module to use, provided the peripheral is enabled and is an
input function as long as the PTxDDn = 0.
For the four configurable KBI module inputs on PTA7–PTA4, when a pin is configured to detect rising
edges, the port pullup enable associated with the pin (PTAPEn) selects a pulldown rather than a pullup
device.
8.4.3 Slew Rate Control
Slew rate control can be enabled for each port pin that is configured as an output (PTxDDn = 1) or if a
peripheral module is enabled and its function is an output. Not all peripheral modules outputs have slew
rate control, refer to the Pins and Connections section for more information about which pins have slew
rate control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com