Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCS08 Datasheet(PDF) 122 Page - Motorola, Inc

No. de pieza HCS08
Descripción Electrónicos  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 Datasheet(HTML) 122 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 118Page - Motorola, Inc HCS08 Datasheet HTML 119Page - Motorola, Inc HCS08 Datasheet HTML 120Page - Motorola, Inc HCS08 Datasheet HTML 121Page - Motorola, Inc HCS08 Datasheet HTML 122Page - Motorola, Inc HCS08 Datasheet HTML 123Page - Motorola, Inc HCS08 Datasheet HTML 124Page - Motorola, Inc HCS08 Datasheet HTML 125Page - Motorola, Inc HCS08 Datasheet HTML 126Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 290 page
background image
Central Processor Unit (CPU)
MC9S08GB/GT
122
MOTOROLA
BHCS rel
Branch if Half Carry Bit
Set
Branch if (H) = 1
–
–
–
–
–
– REL
29 rr
3
BHI rel
Branch if Higher
Branch if (C) | (Z) = 0
–
–
–
–
–
– REL
22 rr
3
BHS rel
Branch if Higher or Same
(Same as BCC)
Branch if (C) = 0
–
–
–
–
–
– REL
24 rr
3
BIH rel
Branch if IRQ Pin High
Branch if IRQ pin = 1
–
–
–
–
–
– REL
2F rr
3
BIL rel
Branch if IRQ Pin Low
Branch if IRQ pin = 0
–
–
–
–
– –
REL
2E rr
3
BIT #opr8i
BIT opr8a
BIT opr16a
BIT oprx16,X
BIT oprx8,X
BIT ,X
BIT oprx16,SP
BIT oprx8,SP
Bit Test
(A) & (M)
(CCR Updated but Operands
Not Changed)
0––
–
IMM
DIR
EXT
IX2
IX1
IX
SP2
SP1
A5
B5
C5
D5
E5
F5
9ED5
9EE5
ii
dd
hh ll
ee ff
ff
ee ff
ff
2
3
4
4
3
3
5
4
BLE rel
Branch if Less Than
or Equal To
(Signed Operands)
Branch if (Z) | (N
⊕ V) = 1
–
–
–
–
– –
REL
93 rr
3
BLO rel
Branch if Lower
(Same as BCS)
Branch if (C) = 1
–
–
–
–
–
– REL
25 rr
3
BLS rel
Branch if Lower or Same
Branch if (C) | (Z) = 1
–
–
–
–
– –
REL
23 rr
3
BLT rel
Branch if Less Than
(Signed Operands)
Branch if (N
⊕ V ) = 1
–
–
–
–
– –
REL
91 rr
3
BMC rel
Branch if Interrupt Mask
Clear
Branch if (I) = 0
–
–
–
–
– –
REL
2C rr
3
BMI rel
Branch if Minus
Branch if (N) = 1
–
–
–
–
– –
REL
2B rr
3
BMS rel
Branch if Interrupt Mask
Set
Branch if (I) = 1
–
–
–
–
– –
REL
2D rr
3
BNE rel
Branch if Not Equal
Branch if (Z) = 0
–
–
–
–
– –
REL
26 rr
3
BPL rel
Branch if Plus
Branch if (N) = 0
–
–
–
–
– –
REL
2A rr
3
BRA rel
Branch Always
No Test
–
–
–
–
– –
REL
20 rr
3
BRCLR n,opr8a,rel
Branch if Bit n in Memory
Clear
Branch if (Mn) = 0
–
–
–
–
–
DIR (b0)
DIR (b1)
DIR (b2)
DIR (b3)
DIR (b4)
DIR (b5)
DIR (b6)
DIR (b7)
01
03
05
07
09
0B
0D
0F
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
5
5
5
5
5
5
5
5
BRN rel
Branch Never
Uses 3 Bus Cycles
–
–
–
–
–
– REL
21 rr
3
BRSET n,opr8a,rel
Branch if Bit n in Memory
Set
Branch if (Mn) = 1
–
–
–
–
–
DIR (b0)
DIR (b1)
DIR (b2)
DIR (b3)
DIR (b4)
DIR (b5)
DIR (b6)
DIR (b7)
00
02
04
06
08
0A
0C
0E
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
5
5
5
5
5
5
5
5
BSET n,opr8a
Set Bit n in Memory
Mn
← 1
––––––
DIR (b0)
DIR (b1)
DIR (b2)
DIR (b3)
DIR (b4)
DIR (b5)
DIR (b6)
DIR (b7)
10
12
14
16
18
1A
1C
1E
dd
dd
dd
dd
dd
dd
dd
dd
5
5
5
5
5
5
5
5
BSR rel
Branch to Subroutine
PC
← (PC) + $0002
push (PCL); SP
← (SP) – $0001
push (PCH); SP
← (SP) – $0001
PC
← (PC) + rel
–
–
–
–
–
– REL
AD rr
5
Table 7-1 HCS08 Instruction Set Summary (Sheet 2 of 6)
Source
Form
Operation
Description
Effect
on CCR
VH I N Z C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com