| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HCS08 Datasheet(PDF) 121 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
HCS08 Datasheet(HTML) 121 Page - Motorola, Inc |
|
121 / 290 page ![]() Data Sheet — MC9S08GB60/D V1.5 MOTOROLA 121 MC9S08GB/GT Table 7-1 HCS08 Instruction Set Summary (Sheet 1 of 6) Source Form Operation Description Effect on CCR VH I N Z C ADC #opr8i ADC opr8a ADC opr16a ADC oprx16,X ADC oprx8,X ADC ,X ADC oprx16,SP ADC oprx8,SP Add with Carry A ← (A) + (M) + (C) – IMM DIR EXT IX2 IX1 IX SP2 SP1 A9 B9 C9 D9 E9 F9 9ED9 9EE9 ii dd hh ll ee ff ff ee ff ff 2 3 4 4 3 3 5 4 ADD #opr8i ADD opr8a ADD opr16a ADD oprx16,X ADD oprx8,X ADD ,X ADD oprx16,SP ADD oprx8,SP Add without Carry A ← (A) + (M) – IMM DIR EXT IX2 IX1 IX SP2 SP1 AB BB CB DB EB FB 9EDB 9EEB ii dd hh ll ee ff ff ee ff ff 2 3 4 4 3 3 5 4 AIS #opr8i Add Immediate Value (Signed) to Stack Pointer SP ← (SP) + (M) M is sign extended to a 16-bit value – – – – – – IMM A7 ii 2 AIX #opr8i Add Immediate Value (Signed) to Index Register (H:X) H:X ← (H:X) + (M) M is sign extended to a 16-bit value – – – – – – IMM AF ii 2 AND #opr8i AND opr8a AND opr16a AND oprx16,X AND oprx8,X AND ,X AND oprx16,SP AND oprx8,SP Logical AND A ← (A) & (M) 0 – – – IMM DIR EXT IX2 IX1 IX SP2 SP1 A4 B4 C4 D4 E4 F4 9ED4 9EE4 ii dd hh ll ee ff ff ee ff ff 2 3 4 4 3 3 5 4 ASL opr8a ASLA ASLX ASL oprx8,X ASL ,X ASL oprx8,SP Arithmetic Shift Left (Same as LSL) –– DIR INH INH IX1 IX SP1 38 48 58 68 78 9E68 dd ff ff 5 1 1 5 4 6 ASR opr8a ASRA ASRX ASR oprx8,X ASR ,X ASR oprx8,SP Arithmetic Shift Right – – DIR INH INH IX1 IX SP1 37 47 57 67 77 9E67 dd ff ff 5 1 1 5 4 6 BCC rel Branch if Carry Bit Clear Branch if (C) = 0 – – – – – – REL 24 rr 3 BCLR n,opr8a Clear Bit n in Memory Mn ← 0 –––––– DIR (b0) DIR (b1) DIR (b2) DIR (b3) DIR (b4) DIR (b5) DIR (b6) DIR (b7) 11 13 15 17 19 1B 1D 1F dd dd dd dd dd dd dd dd 5 5 5 5 5 5 5 5 BCS rel Branch if Carry Bit Set (Same as BLO) Branch if (C) = 1 – – – – – – REL 25 rr 3 BEQ rel Branch if Equal Branch if (Z) = 1 – – – – – – REL 27 rr 3 BGE rel Branch if Greater Than or Equal To (Signed Operands) Branch if (N ⊕ V) = 0 – – – – – – REL 90 rr 3 BGND Enter Active Background if ENBDM = 1 Waits For and Processes BDM Commands Until GO, TRACE1, or TAGGO – – – – – – INH 82 5+ BGT rel Branch if Greater Than (Signed Operands) Branch if (Z) | (N ⊕ V) = 0 – – – – – – REL 92 rr 3 BHCC rel Branch if Half Carry Bit Clear Branch if (H) = 0 – – – – – – REL 28 rr 3 C b0 b7 0 b0 b7 C |