Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCS12COREUG Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

No. de pieza HCS12COREUG
Descripción Electrónicos  Device User Guide V01.18
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12COREUG Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button HCS12COREUG Datasheet HTML 32Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 33Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 34Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 35Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 36Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 37Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 38Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 39Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 130 page
background image
MC9S12H256 Device User Guide — V01.18
$0086
ATDSTAT0
Read:
SCF
0
ETORF
FIFOR
CC3
CC2
CC1
CC0
Write:
$0087
Reserved
Read:
00000000
Write:
$0088
ATDTEST0
Read:
SAR9
SAR8
SAR7
SAR6
SAR5
SAR4
SAR3
SAR2
Write:
$0089
ATDTEST1
Read:
SAR1
SAR0
0
0
0
RST
ATDCLK
SC
Write:
$008A
ATDSTAT2
Read:
CCF15
CCF14
CCF13
CCF12
CCF11
CCF10
CCF9
CCF8
Write:
$008B
ATDSTAT1
Read:
CCF7
CCF6
CCF5
CCF4
CCF3
CCF2
CCF1
CCF0
Write:
$008C
ATDDIEN0
Read:
Bit 15
14
13
12
11
10
9
Bit 8
Write:
$008D
ATDDIEN1
Read:
Bit 7
654321
Bit 0
Write:
$008E
PORTAD0
Read:
Bit15
14
13
12
11
10
9
Bit8
Write:
$008F
PORTAD1
Read:
Bit7
654321
BIT 0
Write:
$0090
ATDDR0H
Read:
Bit15
14
13
12
11
10
9
Bit8
Write:
$0091
ATDDR0L
Read:
Bit7
654321
Bit0
Write:
$0092
ATDDR1H
Read:
Bit15
14
13
12
11
10
9
Bit8
Write:
$0093
ATDDR1L
Read:
Bit7
654321
Bit0
Write:
$0094
ATDDR2H
Read:
Bit15
14
13
12
11
10
9
Bit8
Write:
$0095
ATDDR2L
Read:
Bit7
654321
Bit0
Write:
$0096
ATDDR3H
Read:
Bit15
14
13
12
11
10
9
Bit8
Write:
$0097
ATDDR3L
Read:
Bit7
654321
Bit0
Write:
$0098
ATDDR4H
Read:
Bit15
14
13
12
11
10
9
Bit8
Write:
$0099
ATDDR4L
Read:
Bit7
654321
Bit0
Write:
$009A
ATDDR5H
Read:
Bit15
14
13
12
11
10
9
Bit8
Write:
$009B
ATDDR5L
Read:
Bit7
654321
Bit0
Write:
$009C
ATDDR6H
Read:
Bit15
11
10
9
Bit8
Write:
$009D
ATDDR6L
Read:
Bit7
654321
Bit0
Write:
$009E
ATDDR7H
Read:
Bit15
11
10
9
Bit8
Write:
$0080 - $00AF
ATD (Analog to Digital Converter 10 Bit 16 Channel)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com