Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCS12COREUG Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

No. de pieza HCS12COREUG
Descripción Electrónicos  Device User Guide V01.18
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12COREUG Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button HCS12COREUG Datasheet HTML 22Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 23Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 24Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 25Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 26Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 27Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 28Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 29Page - Freescale Semiconductor, Inc HCS12COREUG Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 130 page
background image
MC9S12H256 Device User Guide — V01.18
Table 1-1 and Figure 1-3 show the device memory map of the MC9S12H256.
Table 1-1 Device Memory Map MC9S12H256
Address
Module
Size
(Bytes)
$0000 – $0017
CORE (Ports A, B, E, Modes, Inits, Test)
24
$0018 – $0019
Reserved
2
$001A – $001B
Device ID register (PARTID)
2
$001C – $001F
CORE (MEMSIZ, IRQ, HPRIO)
4
$0020 – $0027
Reserved
8
$0028 – $002F
CORE (Background Debug Mode)
8
$0030 – $0033
CORE (PPAGE, Port K)
4
$0034 – $003F
Clock and Reset Generator (PLL, RTI, COP)
12
$0040 – $006F
Standard Timer Module 16-bit 8 channels (TIM)
48
$0070 – $007F
Reserved
16
$0080 – $00AF
Analog to Digital Converter 10-bit 16 channels (ATD)
48
$00B0 – $00BF
Reserved
16
$00C0 – $00C7
Inter Integrated Circuit (IIC)
8
$00C8 – $00CF
Serial Communications Interface 0 (SCI0)
8
$00D0 – $00D7
Serial Communications Interface 1 (SCI1)
8
$00D8 – $00DF
Serial Peripheral Interface (SPI)
8
$00E0 – $00FF
Pulse Width Modulator 8-bit 6 channels (PWM)
32
$0100 – $010F
Flash control registers
16
$0110 – $011B
EEPROM control registers
12
$011C – $011F
Reserved
4
$0120 – $0137
Liquid Crystal Display Driver 32x4 (LCD)
24
$0140 – $017F
Motorola Scalable Controller Area Network 0 (MSCAN0)
64
$0180 – $01BF
Motorola Scalable Controller Area Network 1 (MSCAN1)
64
$01C0 – $01FF
Motor Control Module (MC)
64
$0200 – $027F
Port Integration Module (PIM)
128
$0280 – $03FF
Reserved
384
$0000 – $0FFF
EEPROM array
4096
$1000 – $3FFF
RAM array
12288
$4000 – $7FFF
Fixed Flash EEPROM array
incl. 0.5K, 1K, 2K or 4K Protected Sector at start
16384
$8000 – $BFFF
Flash EEPROM Page Window
16384
$C000 – $FFFF
Fixed Flash EEPROM array
incl. 0.5K, 1K, 2K or 4K Protected Sector at end
and 256 bytes of Vector Space at $FF80 – $FFFF
16384
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com