Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FPR7USB4BC Datasheet(PDF) 1 Page - ML Accessories Limited. All rights reserved.

No. de pieza FPR7USB4BC
Descripción Electrónicos  13A Switched Socket with Quad USB-A
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Página de inicio  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

FPR7USB4BC Datasheet(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  FPR7USB4BC Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
FPR7USB4BC
DESCRIPTION
13A Switched Socket with Quad USB-A (5V DC 5.1A shared) -
Brushed Chrome with Black Insert
NET WEIGHT (KG)
0.24
FINISH
Brushed Chrome
INSERT COLOUR
Black
DIMENSIONS (MM)
Height - 87.5
Width - 147.5
Projection - 2.5
MINIMUM MOUNTING BOX DEPTH
25-35mm (dependent on wiring conditions)
CONSTRUCTION
Construction - Premium grade steel
IP RATING
IP20
INPUT VOLTAGE
230V 50Hz
SWITCH TYPE
Single Pole
EARTH TERMINAL
Yes
LOAD/MAX. LOAD
13A
TERMINAL CAPACITY
2 x 2.5mm² or 1 x 4.0mm²
NO. OF USB PORTS
4
NO. OF TYPE-A PORTS
4
USB CHARGING
5V DC 5.1A (3A shared + 2.1A dedicated)
ADDITIONAL FEATURES
Overload protection and short circuit protection
WARRANTY
2year(s)
MANUFACTURED IN ACCORDANCE WITH
BS 1363-2, EN 62368-1
ORIGIN OF MANUFACTURE
China
DECLARATION OF CONFORMITY (HELD ON FILE)
Yes
EAN
5055832958604
Date Created: 11/04/2024 02:05
www.mlaccessories.co.uk
FPR7USB4BC
13A Switched Socket with Quad USB-A (5V DC 5.1A
shared) - Brushed Chrome with Black Insert


Número de pieza similar - FPR7USB4BC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ML Accessories Limited....
FPR7USB4BCG KNIGHTSBRIDGE-FPR7USB4BCG Datasheet
222Kb / 1P
13A Switched Socket with Quad USB-A
11/04/2024
FPR7USB4BCW KNIGHTSBRIDGE-FPR7USB4BCW Datasheet
230Kb / 1P
13A Switched Socket with Quad USB-A
11/04/2024
More results

Descripción similar - FPR7USB4BC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Elantec Semiconductor
EL6262C ELANTEC-EL6262C Datasheet
137Kb / 2P
Quad 20MHz & Quad, 70MHz, Switched Gain Pre-Amp
EL6263C ELANTEC-EL6263C Datasheet
138Kb / 2P
Quad 20MHz & Quad 70MHz, Switched Gain Pre-Amp
EL6261C ELANTEC-EL6261C Datasheet
41Kb / 2P
Quad 20MHz Quad, 80MHz, Switched Gain Pre-Amp
logo
List of Unclassifed Man...
82C862 ETC2-82C862 Datasheet
302Kb / 51P
FireLink USB Dual Controller Quad Port USB
logo
Mill-Max Mfg. Corp.
896-46-009-90 MILL-MAX-896-46-009-90 Datasheet
118Kb / 2P
USB Socket Type A USB 3.0 Single Row Through Hole
logo
Molex Electronics Ltd.
1673730 MOLEX11-1673730 Datasheet
109Kb / 1P
Switched Socket
logo
List of Unclassifed Man...
MC32597 ETC2-MC32597 Datasheet
165Kb / 1P
USB Socket - Type B
MC32595 ETC2-MC32595 Datasheet
152Kb / 1P
USB Socket
logo
Maxim Integrated Produc...
MAX14502EVKIT MAXIM-MAX14502EVKIT Datasheet
630Kb / 15P
On-Board SD Card Socket, USB Type-A, and USB Type-B Connectors
Rev 0; 11/08
logo
Tripp Lite. All Rights ...
PS4B18USBW TRIPPLITE-PS4B18USBW Datasheet
162Kb / 3P
4-Outlet Power Strip with USB-A Charging - BS1363A Outlets, 220-250V, 13A, 1.8 m Cord, BS1363A Plug, White
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com