Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FPR7USB4BC Datasheet (PDF) - ML Accessories Limited. All rights reserved.

FPR7USB4BC Datasheet PDF - ML Accessories Limited.  All rights reserved.
No. de pieza FPR7USB4BC
Descarga  FPR7USB4BC Descarga
Tamaño del archivo   233.53 Kbytes
Page   1 Pages
Fabricante Electrónico  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Página de inicio  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.
Descripción Electrónicos 13A Switched Socket with Quad USB-A

FPR7USB4BC Datasheet (PDF)

Go To PDF Page Descarga Datasheet
FPR7USB4BC Datasheet PDF - ML Accessories Limited.  All rights reserved.

No. de pieza FPR7USB4BC
Descarga  FPR7USB4BC Click to download

Tamaño del archivo   233.53 Kbytes
Page   1 Pages
Fabricante Electrónico  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Página de inicio  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.
Descripción Electrónicos 13A Switched Socket with Quad USB-A

FPR7USB4BC Datasheet (HTML) - ML Accessories Limited. All rights reserved.


FPR7USB4BC Detalles de producto

DESCRIPTION
13A Switched Socket with Quad USB-A (5V DC 5.1A shared) -
Brushed Chrome with Black Insert
ADDITIONAL FEATURES Overload protection and short circuit protection




Número de pieza similar - FPR7USB4BC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ML Accessories Limited....
FPR7USB4BCG KNIGHTSBRIDGE-FPR7USB4BCG Datasheet
222Kb / 1P
13A Switched Socket with Quad USB-A
11/04/2024
FPR7USB4BCW KNIGHTSBRIDGE-FPR7USB4BCW Datasheet
230Kb / 1P
13A Switched Socket with Quad USB-A
11/04/2024
More results


Descripción similar - FPR7USB4BC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Elantec Semiconductor
EL6262C ELANTEC-EL6262C Datasheet
137Kb / 2P
Quad 20MHz & Quad, 70MHz, Switched Gain Pre-Amp
EL6263C ELANTEC-EL6263C Datasheet
138Kb / 2P
Quad 20MHz & Quad 70MHz, Switched Gain Pre-Amp
EL6261C ELANTEC-EL6261C Datasheet
41Kb / 2P
Quad 20MHz Quad, 80MHz, Switched Gain Pre-Amp
logo
List of Unclassifed Man...
82C862 ETC2-82C862 Datasheet
302Kb / 51P
FireLink USB Dual Controller Quad Port USB
logo
Mill-Max Mfg. Corp.
896-46-009-90 MILL-MAX-896-46-009-90 Datasheet
118Kb / 2P
USB Socket Type A USB 3.0 Single Row Through Hole
logo
Molex Electronics Ltd.
1673730 MOLEX11-1673730 Datasheet
109Kb / 1P
Switched Socket
logo
List of Unclassifed Man...
MC32597 ETC2-MC32597 Datasheet
165Kb / 1P
USB Socket - Type B
MC32595 ETC2-MC32595 Datasheet
152Kb / 1P
USB Socket
logo
Maxim Integrated Produc...
MAX14502EVKIT MAXIM-MAX14502EVKIT Datasheet
630Kb / 15P
On-Board SD Card Socket, USB Type-A, and USB Type-B Connectors
Rev 0; 11/08
logo
Tripp Lite. All Rights ...
PS4B18USBW TRIPPLITE-PS4B18USBW Datasheet
162Kb / 3P
4-Outlet Power Strip with USB-A Charging - BS1363A Outlets, 220-250V, 13A, 1.8 m Cord, BS1363A Plug, White
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com