Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M42000005X Datasheet(PDF) 54 Page - Advanced Micro Devices

No. de pieza M42000005X
Descripción Electrónicos  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

M42000005X Datasheet(HTML) 54 Page - Advanced Micro Devices

Back Button M42000005X Datasheet HTML 50Page - Advanced Micro Devices M42000005X Datasheet HTML 51Page - Advanced Micro Devices M42000005X Datasheet HTML 52Page - Advanced Micro Devices M42000005X Datasheet HTML 53Page - Advanced Micro Devices M42000005X Datasheet HTML 54Page - Advanced Micro Devices M42000005X Datasheet HTML 55Page - Advanced Micro Devices M42000005X Datasheet HTML 56Page - Advanced Micro Devices M42000005X Datasheet HTML 57Page - Advanced Micro Devices M42000005X Datasheet HTML 58Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 64 page
background image
54
Am42DL32x4G
May 19, 2003
PR ELI M I NARY
AC CHARACTERISTICS
tGHEL
tWS
OE#
CE#f
WE#
RESET#
tDS
Data
tAH
Addresses
tDH
tCP
DQ7#
DOUT
tWC
tAS
tCPH
PA
Data# Polling
A0 for program
55 for erase
tRH
tWHWH1 or 2
RY/BY#
tWH
PD for program
30 for sector erase
10 for chip erase
555 for program
2AA for erase
PA for program
SADD for sector erase
555 for chip erase
tBUSY
Notes:
1. Figure indicates last two bus cycles of a program or erase operation.
2. PA = program address, SA = sector address, PD = program data.
3. DQ7# is the complement of the data written to the device. D
OUT is the data written to the device.
4. Waveforms are for the word mode.
Figure 27.
Flash Alternate CE#f Controlled Write (Erase/Program) Operation Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64