Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M42000005X Datasheet(PDF) 48 Page - Advanced Micro Devices

No. de pieza M42000005X
Descripción Electrónicos  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

M42000005X Datasheet(HTML) 48 Page - Advanced Micro Devices

Back Button M42000005X Datasheet HTML 44Page - Advanced Micro Devices M42000005X Datasheet HTML 45Page - Advanced Micro Devices M42000005X Datasheet HTML 46Page - Advanced Micro Devices M42000005X Datasheet HTML 47Page - Advanced Micro Devices M42000005X Datasheet HTML 48Page - Advanced Micro Devices M42000005X Datasheet HTML 49Page - Advanced Micro Devices M42000005X Datasheet HTML 50Page - Advanced Micro Devices M42000005X Datasheet HTML 51Page - Advanced Micro Devices M42000005X Datasheet HTML 52Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 64 page
background image
48
Am42DL32x4G
May 19, 2003
PR ELI M I NARY
AC CHARACTERISTICS
OE#
CE#f
Addresses
VCCf
WE#
Data
2AAh
SADD
tGHWL
tAH
tWP
tWC
tAS
tWPH
555h for chip erase
10 for Chip Erase
30h
tDS
tVCS
tCS
tDH
55h
tCH
In
Progress
Complete
tWHWH2
VA
VA
Erase Command Sequence (last two cycles)
Read Status Data
RY/BY#
tRB
tBUSY
Notes:
1. SA = sector address (for Sector Erase), VA = Valid Address for reading status data (see “Write Operation Status”).
2. These waveforms are for the word mode.
Figure 20.
Chip/Sector Erase Operation Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64