Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DTQ2421 Datasheet(PDF) 1 Page - DinTek Semiconductor Co,.Ltd

No. de pieza DTQ2421
Descripción Electrónicos  P-Channel40 V (D-S) Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DINTEK [DinTek Semiconductor Co,.Ltd]
Página de inicio  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTQ2421 Datasheet(HTML) 1 Page - DinTek Semiconductor Co,.Ltd

  DTQ2421 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTQ2421 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTQ2421 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTQ2421 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTQ2421 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTQ2421 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTQ2421 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTQ2421 Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Notes:
a. Package limited
b. Surface mounted on 1" x 1" FR4 board.
c. t = 5 s.
d. The
is a leadless package. The end of the lead terminal is exposed
copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed
and is not required to ensure adequate bottom side solder interconnection.
e. Rework conditions: manual soldering with a soldering iron is not recommended for leadless components.
f. Maximum under steady state conditions is 80 °C/W.
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
A
TC = 70 °C
TA = 25 °C
TA = 70 °C
Pulsed Drain Current
IDM
Continuous Source-Drain Diode Current
TC = 25 °C
IS
TA = 25 °C
Maximum Power Dissipation
TC = 25 °C
PD
W
TC = 70 °C
TA = 25 °C
TA = 70 °C
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)d, e
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, f
t
5 s
RthJA
°C/W
Steady State
5.8
PRODUCT SUMMARY
VDS (V)
D (A)
I
Pin 1
D
D
G
D
D
S
D
S
Pin 1
APPLICATIONS
DC/DC Converters in Computing,Servers,and POL
Isolated DC/DC Converters in Telecom and Industrial
Packaging Reduces Footprint Area
Ultra Small DFN2X2 Chipscale
DT-Trench Power MOSFET
FEATURES
Rev. 1.0
RDS(on) (m )
8.9
DTQ2421
P-Channel 40 V (D-S) Power MOSFET
-4
-40
-6
36 at VGS = -10 V
65 at VGS = -4.5 V
-
6a
-
4.8a
-3
a, b, c
-1.9b, c
-24
-6a
-3 b, c
7.6
4.8
1.9
b, c
1.2 b, c
45
35
S
G
D
P-Channel MOSFET


Número de pieza similar - DTQ2421

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DinTek Semiconductor Co...
DTQ2115 DINTEK-DTQ2115 Datasheet
350Kb / 8P
P-Channel MOSFET
DTQ2140 DINTEK-DTQ2140 Datasheet
358Kb / 8P
N-Channel 100 V (D-S) MOSFET
DTQ21567 DINTEK-DTQ21567 Datasheet
901Kb / 7P
P-Channel 150-V (D-S) MOSFET
REV 1.0
DTQ2200 DINTEK-DTQ2200 Datasheet
614Kb / 7P
N-Channel 30 V (D-S) MOSFET
DTQ2208 DINTEK-DTQ2208 Datasheet
476Kb / 9P
N-Channel 20 V (D-S) MOSFET
More results

Descripción similar - DTQ2421

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SUM90P10-19L VISHAY-SUM90P10-19L Datasheet
229Kb / 3P
P-Channel 100-V (D-S) MOSFET
24-Jul-06
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
P-Channel 30-V (D-S) MOSFET
25-Oct-04
logo
DinTek Semiconductor Co...
DTL40P03 DINTEK-DTL40P03 Datasheet
1Mb / 8P
P-Channel 30-V (D-S) MOSFET TrenchFET Power MOSFET
DTM4407 DINTEK-DTM4407 Datasheet
2Mb / 9P
P-Channel 30-V (D-S) MOSFET TrenchFET Power MOSFET
DTM4435 DINTEK-DTM4435_13 Datasheet
1Mb / 8P
P-Channel 30-V (D-S) MOSFET TrenchFET Power MOSFET
DTM4459 DINTEK-DTM4459 Datasheet
1Mb / 9P
P-Channel 30-V (D-S) MOSFET TrenchFET Power MOSFET
DTM4485 DINTEK-DTM4485 Datasheet
1Mb / 9P
P-Channel 30-V (D-S) MOSFET TrenchFET Power MOSFET
DTS2315 DINTEK-DTS2315 Datasheet
1Mb / 9P
P-Channel 20 V (D-S) MOSFET TrenchFET Power MOSFET
DTS3407 DINTEK-DTS3407 Datasheet
845Kb / 9P
P-Channel 30 V (D-S) MOSFET TrenchFET Power MOSFET
logo
VBsemi Electronics Co.,...
VBE25R04 VBSEMI-VBE25R04 Datasheet
850Kb / 10P
P-Channel 500 V (D-S)Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com