Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

5CEBA2M19C6SC Datasheet(PDF) 29 Page - Intel Corporation

No. de pieza 5CEBA2M19C6SC
Descripción Electrónicos  Cyclone V Device Overview
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEL [Intel Corporation]
Página de inicio  http://www.intel.com
Logo INTEL - Intel Corporation

5CEBA2M19C6SC Datasheet(HTML) 29 Page - Intel Corporation

Back Button 5CEBA2M19C6SC Datasheet HTML 25Page - Intel Corporation 5CEBA2M19C6SC Datasheet HTML 26Page - Intel Corporation 5CEBA2M19C6SC Datasheet HTML 27Page - Intel Corporation 5CEBA2M19C6SC Datasheet HTML 28Page - Intel Corporation 5CEBA2M19C6SC Datasheet HTML 29Page - Intel Corporation 5CEBA2M19C6SC Datasheet HTML 30Page - Intel Corporation 5CEBA2M19C6SC Datasheet HTML 31Page - Intel Corporation 5CEBA2M19C6SC Datasheet HTML 32Page - Intel Corporation 5CEBA2M19C6SC Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
Figure 11.
HPS with Dual-Core Arm Cortex-A9 MPCore Processor
FPGA Fabric
HPS
HPS-to-FPGA
Lightweight
HPS-to-FPGA
FPGA-to-HPS
FPGA-to-HPS SDRAM
Configuration
Controller
FPGA
Manager
64 KB
On-Chip RAM
64 KB
Boot ROM
Level 3
Interconnect
Ethernet
MAC (2x)
USB
OTG (2x)
NAND Flash
Controller
SD/MMC
Controller
DMA
Controller
STM
ETR
(Trace)
Debug
Access Port
ARM Cortex-A9 MPCore
MPU Subsystem
CPU0
ARM Cortex-A9
with NEON/FPU,
32 KB Instruction Cache,
32 KB Data Cache, and
Memory Management
Unit
CPU1
ARM Cortex-A9
with NEON/FPU,
32 KB Instruction Cache,
32 KB Data Cache, and
Memory Management
Unit
SCU
ACP
Level 2 Cache (512 KB)
Multiport
DDR SDRAM
Controller
with
Optional ECC
Peripherals
(UART, Timer, I2C, Watchdog Timer, GPIO, SPI, Clock Manager, Reset Manager, Scan Manager, System Manager, and Quad
SPI Flash Controller)
System Peripherals and Debug Access Port
Each Ethernet MAC, USB OTG, NAND flash controller, and SD/MMC controller module
has an integrated DMA controller. For modules without an integrated DMA controller,
an additional DMA controller module provides up to eight channels of high-bandwidth
data transfers. Peripherals that communicate off-chip are multiplexed with other
peripherals at the HPS pin level. This allows you to choose which peripherals to
interface with other devices on your PCB.
The debug access port provides interfaces to industry standard JTAG debug probes
and supports Arm CoreSight debug and core traces to facilitate software development.
Cyclone V Device Overview
683694 | 2018.05.07
Send Feedback
Cyclone V Device Overview
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com