Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

5CEBA2M19C6SC Datasheet(PDF) 11 Page - Intel Corporation

No. de pieza 5CEBA2M19C6SC
Descripción Electrónicos  Cyclone V Device Overview
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEL [Intel Corporation]
Página de inicio  http://www.intel.com
Logo INTEL - Intel Corporation

5CEBA2M19C6SC Datasheet(HTML) 11 Page - Intel Corporation

Back Button 5CEBA2M19C6SC Datasheet HTML 7Page - Intel Corporation 5CEBA2M19C6SC Datasheet HTML 8Page - Intel Corporation 5CEBA2M19C6SC Datasheet HTML 9Page - Intel Corporation 5CEBA2M19C6SC Datasheet HTML 10Page - Intel Corporation 5CEBA2M19C6SC Datasheet HTML 11Page - Intel Corporation 5CEBA2M19C6SC Datasheet HTML 12Page - Intel Corporation 5CEBA2M19C6SC Datasheet HTML 13Page - Intel Corporation 5CEBA2M19C6SC Datasheet HTML 14Page - Intel Corporation 5CEBA2M19C6SC Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Resource
Member Code
D5
D7
D9
Receiver
84
120
140
PCIe Hard IP Block
2
2
2
Hard Memory Controller
2
2
2
Related Information
True LVDS Buffers in Devices, I/O Features in Cyclone V Devices
Provides the number of LVDS channels in each device package.
Package Plan
Table 9.
Package Plan for Cyclone V GT Devices
Transceiver counts shown are for transceiver ≤5 Gbps . 6 Gbps transceiver channel count support depends on
the package and channel usage. For more information about the 6 Gbps transceiver channel count, refer to the
Cyclone V Device Handbook Volume 2: Transceivers.
Member
Code
M301
(11 mm)
M383
(13 mm)
M484
(15 mm)
U484
(19 mm)
GPIO
XCVR
GPIO
XCVR
GPIO
XCVR
GPIO
XCVR
D5
129
4
175
6
—
—
224
6
D7
—
—
—
—
240
3
240
6
D9
—
—
—
—
—
—
240
5
Member
Code
F484
(23 mm)
F672
(27 mm)
F896
(31 mm)
F1152
(35 mm)
GPIO
XCVR
GPIO
XCVR
GPIO
XCVR
GPIO
XCVR
D5
240
6
336
6
—
—
—
—
D7
240
6
336
9 (6)
480
9 (6)
—
—
D9
224
6
336
9 (6)
480
12 (7)
560
12 (7)
Related Information
6.144-Gbps Support Capability in Cyclone V GT Devices, Cyclone V Device Handbook
Volume 2: Transceivers
Provides more information about 6 Gbps transceiver channel count.
(6) If you require CPRI (at 6.144 Gbps) and PCIe Gen2 transmit jitter compliance, Intel
recommends that you use only up to three full-duplex transceiver channels for CPRI, and up
to six full-duplex channels for PCIe Gen2. The CMU channels are not considered full-duplex
channels.
(7) If you require CPRI (at 6.144 Gbps) and PCIe Gen2 transmit jitter compliance, Intel
recommends that you use only up to three full-duplex transceiver channels for CPRI, and up
to eight full-duplex channels for PCIe Gen2. The CMU channels are not considered full-duplex
channels.
Cyclone V Device Overview
683694 | 2018.05.07
Send Feedback
Cyclone V Device Overview
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com