Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AS7030B Datasheet(PDF) 75 Page - ams AG

No. de pieza AS7030B
Descripción Electrónicos  Biosensor Solution with Embedded ECG Channel
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMSCO [ams AG]
Página de inicio  http://www.ams.com
Logo AMSCO - ams AG

AS7030B Datasheet(HTML) 75 Page - ams AG

Back Button AS7030B Datasheet HTML 71Page - ams AG AS7030B Datasheet HTML 72Page - ams AG AS7030B Datasheet HTML 73Page - ams AG AS7030B Datasheet HTML 74Page - ams AG AS7030B Datasheet HTML 75Page - ams AG AS7030B Datasheet HTML 76Page - ams AG AS7030B Datasheet HTML 77Page - ams AG AS7030B Datasheet HTML 78Page - ams AG AS7030B Datasheet HTML 79Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 129 page
background image
Document Feedback
AS7030B
Functional Description
Datasheet
• PUBLIC
DS000716
• v1-00 • 2020-Jun-10
128
│ 74
LTFDATA0_L (Address 0x20)
Figure 87:
LTFDATA0_L Register
Addr: 0x20
LTFDATA0_L
Bit
Bit Name
Default
Access
Bit Description
7:0
ltfdata0[7:0]
0
RO
LTF result channel 0 low byte. Software must
make sure that the LTF integration is not
running when accessing the LTFDATA
registers. These are the direct counter registers,
they are not latched. If buffering is required,
consider using FIFO mode.
LTFDATA0_H (Address 0x21)
Figure 88:
LTFDATA0_H Register
Addr: 0x21
LTFDATA0_H
Bit
Bit Name
Default
Access
Bit Description
7:0
ltfdata0[15:8]
0
RO
LTF result channel 0 high byte
LTFDATA1_L (Address 0x22)
Figure 89:
LTFDATA1_L Register
Addr: 0x22
LTFDATA1_L
Bit
Bit Name
Default
Access
Bit Description
7:0
ltfdata0[7:0]
0
RO
LTF result channel 1 low byte. Software must
make sure that the LTF integration is not
running when accessing the LTFDATA
registers. If buffering is required, consider using
FIFO mode.