Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AS7030B Datasheet(PDF) 57 Page - ams AG

No. de pieza AS7030B
Descripción Electrónicos  Biosensor Solution with Embedded ECG Channel
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMSCO [ams AG]
Página de inicio  http://www.ams.com
Logo AMSCO - ams AG

AS7030B Datasheet(HTML) 57 Page - ams AG

Back Button AS7030B Datasheet HTML 53Page - ams AG AS7030B Datasheet HTML 54Page - ams AG AS7030B Datasheet HTML 55Page - ams AG AS7030B Datasheet HTML 56Page - ams AG AS7030B Datasheet HTML 57Page - ams AG AS7030B Datasheet HTML 58Page - ams AG AS7030B Datasheet HTML 59Page - ams AG AS7030B Datasheet HTML 60Page - ams AG AS7030B Datasheet HTML 61Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 129 page
background image
Document Feedback
AS7030B
Functional Description
Datasheet
• PUBLIC
DS000716
• v1-00 • 2020-Jun-10
128
│ 56
SEQ_SDM2_STA (Address 0x40)
Figure 58:
SEQ_SDM2_STA Register
Addr: 0x40
SEQ_SDM2_STA
Bit
Bit Name
Default
Access
Bit Description
7:0
seq_sdm2_start
0
RW
Negative multiplication start time 2
The SEQ_SDM2 register sets the synchronous demodulator negative multiplication time 2. Data is
stored as 8-bit value.
SEQ_SDM2_STO (Address 0x41)
Figure 59:
SEQ_SDM2_STO Register
Addr: 0x41
SEQ_SDM2_STO
Bit
Bit Name
Default
Access
Bit Description
7:0
seq_sdm2_stop
0
RW
Negative multiplication stop time 2
SEQ_ADC (Address 0x42)
Figure 60:
SEQ_ADC Register
Addr: 0x42
SEQ_ADC
Bit
Bit Name
Default
Access
Bit Description
7:0
seq_adc
0
RW
ADC start sampling time
The ADC conversion needs to be finished before
the sequencer period ends otherwise ADC
samples can be lost.
The SEQ_ADC register defines the time when the ADC starts sampling during each measurement
cycle.