| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32L010RB Datasheet(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L010RB Datasheet(HTML) 32 Page - STMicroelectronics |
|
32 / 89 page ![]() Pin descriptions STM32L010RB 32/89 DS12319 Rev 3 42 PA9 I/O FT - MCO, I2C1_SCL - 43 PA10 I/O FT - I2C1_SDA - 44 PA11 I/O FT - SPI1_MISO, EVENTOUT - 45 PA12 I/O FT - SPI1_MOSI, EVENTOUT - 46 PA13 I/O FT - SWDIO, LPUART1_RX - 47 VSS S - (4) -- 48 VDDIO2 S - - - - 49 PA14 I/O FT - SWCLK, USART2_TX, LPUART1_TX - 50 PA15 I/O FT - SPI1_NSS, TIM2_ETR, EVENTOUT, USART2_RX, TIM2_CH1 - 51 PC10 I/O FT - LPUART1_TX - 52 PC11 I/O FT - LPUART1_RX - 53 PC12 I/O FT - - - 54 PD2 I/O FT - LPUART1_RTS - 55 PB3 I/O FT - SPI1_SCK, TIM2_CH2, EVENTOUT - 56 PB4 I/O FT - SPI1_MISO, TIM22_CH1 - 57 PB5 I/O FT - SPI1_MOSI, LPTIM1_IN1, I2C1_SMBA, TIM22_CH2 - 58 PB6 I/O FT - I2C1_SCL, LPTIM1_ETR - 59 PB7 I/O FT - I2C1_SDA, LPTIM1_IN2 - 60 BOOT0 I - - - - 61 PB8 I/O FT - I2C1_SCL - 62 PB9 I/O FT - EVENTOUT, I2C1_SDA 63 VSS S - - - - 64 VDD S - - - - 1. Digital power supply. 2. Device reset input/internal reset output (active low). 3. Analog power supply. 4. Digital and analog ground. Table 10. Pin definitions (continued) Pin num ber Pin name (function after reset) Notes Pin functions Alternate functions Additional functions |