| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32L010RB Datasheet(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L010RB Datasheet(HTML) 31 Page - STMicroelectronics |
|
31 / 89 page ![]() DS12319 Rev 3 31/89 STM32L010RB Pin descriptions 35 20 PA4 I/O TTa - SPI1_NSS, USART2_CK, TIM22_ETR ADC_IN4 21 PA5 I/O TTa - SPI1_SCK, TIM2_ETR, TIM2_CH1 ADC_IN5 22 PA6 I/O FT - SPI1_MISO, LPUART1_CTS, TIM22_CH1, EVENTOUT ADC_IN6 23 PA7 I/O FT - SPI1_MOSI, TIM22_CH2, EVENTOUT ADC_IN7 24 PC4 I/O FT - EVENTOUT, LPUART1_TX ADC_IN14 25 PC5 I/O FT - LPUART1_RX ADC_IN15 26 PB0 I/O FT - EVENTOUT ADC_IN8, VREF_OUT 27 PB1 I/O FT - LPUART1_RTS ADC_IN9, VREF_OUT 28 PB2 I/O FT - LPTIM1_OUT - 29 PB10 I/O FT - TIM2_CH3, LPUART1_TX, LPUART1_RX - 30 PB11 I/O FT - EVENTOUT, TIM2_CH4, LPUART1_RX, LPUART1_TX - 31 VSS S - (4) -- 32 VDD S - (1) -- 33 PB12 I/O FT - LPUART1_RTS, EVENTOUT - 34 PB13 I/O FT - MCO, LPUART1_CTS, TIM21_CH1 - 35 PB14 I/O FT - RTC_OUT, LPUART1_RTS, TIM21_CH2 - 36 PB15 I/O FT - RTC_REFIN - 37 PC6 I/O FT - TIM22_CH1 - 38 PC7 I/O FT - TIM22_CH2 - 39 PC8 I/O FT - TIM22_ETR - 40 PC9 I/O FT - TIM21_ETR - 41 PA8 I/O FT - MCO, EVENTOUT - Table 10. Pin definitions (continued) Pin num ber Pin name (function after reset) Notes Pin functions Alternate functions Additional functions |