Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMN2120UFCL-7 Datasheet(PDF) 2 Page - Diodes Incorporated

No. de pieza DMN2120UFCL-7
Descripción Electrónicos  20V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2120UFCL-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN2120UFCL-7 Datasheet HTML 1Page - Diodes Incorporated DMN2120UFCL-7 Datasheet HTML 2Page - Diodes Incorporated DMN2120UFCL-7 Datasheet HTML 3Page - Diodes Incorporated DMN2120UFCL-7 Datasheet HTML 4Page - Diodes Incorporated DMN2120UFCL-7 Datasheet HTML 5Page - Diodes Incorporated DMN2120UFCL-7 Datasheet HTML 6Page - Diodes Incorporated DMN2120UFCL-7 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMN2120UFCL
Document number: DS40585 Rev. 3 - 2
2 of 7
www.diodes.com
July 2019
© Diodes Incorporated
DMN2120UFCL
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
±12
V
Continuous Drain Current (Note 6) VGS = 4.5V
Steady
State
TA = +25°C
TA = +70°C
ID
1.8
1.4
A
Pulsed Drain Current (380µs Pulse, 1% Duty Cycle) (Note 7)
IDM
10
A
Maximum Continuous Body Diode Forward Current (Note 6)
IS
0.7
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5)
PD
0.45
W
Thermal Resistance, Junction to Ambient @TA = +25°C (Note 5)
RθJA
270
°C/W
Power Dissipation (Note 6)
PD
1.16
W
Thermal Resistance, Junction to Ambient @TA = +25°C (Note 6)
RθJA
108
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
20
—
—
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current TJ = +25°C
IDSS
—
—
1.0
μA
VDS = 16V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±10
μA
VGS = ±12V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(TH)
0.3
—
1.0
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS(ON)
—
57
100
m
Ω
VGS = 4.5V, ID = 3.6A
—
69
140
VGS = 2.5V, ID = 3.1A
—
74
200
VGS = 1.8V, ID = 1A
Diode Forward Voltage
VSD
—
0.7
1.2
V
VGS = 0V, IS = 1.6A
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
—
130
—
pF
VDS = 10V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
—
26
—
pF
Reverse Transfer Capacitance
Crss
—
18
—
pF
Gate Resistance
Rg
—
2.7
—
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = 4.5V)
Qg
—
1.4
—
nC
VDS = 10V, ID = 3.6A
Total Gate Charge (VGS = 10V)
Qg
—
2.8
—
nC
Gate-Source Charge
Qgs
—
0.1
—
nC
Gate-Drain Charge
Qgd
—
0.5
—
nC
Turn-On Delay Time
tD(ON)
—
0.6
—
ns
VDD = 10V, VGS = 4.5V,
ID = 1A, RG = 6Ω, RL = 10Ω
Turn-On Rise Time
tR
—
2.7
—
ns
Turn-Off Delay Time
tD(OFF)
—
4.2
—
ns
Turn-Off Fall Time
tF
—
1.7
—
ns
Body Diode Reverse Recovery Time
tRR
—
10
—
ns
IF = 4A, dI/dt = 100A/μs
Body Diode Reverse Recovery Charge
QRR
—
1.0
—
nC
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
7. Repetitive rating, pulse width limited by junction temperature.
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com