Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

B100NF04 Datasheet(PDF) 16 Page - STMicroelectronics

No. de pieza B100NF04
Descripción Electrónicos  N-channel 40V - 0.0043ohm - 120A - TO-220 - D2PAK STripFET TM II Power MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

B100NF04 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button B100NF04 Datasheet HTML 9Page - STMicroelectronics B100NF04 Datasheet HTML 10Page - STMicroelectronics B100NF04 Datasheet HTML 11Page - STMicroelectronics B100NF04 Datasheet HTML 12Page - STMicroelectronics B100NF04 Datasheet HTML 13Page - STMicroelectronics B100NF04 Datasheet HTML 14Page - STMicroelectronics B100NF04 Datasheet HTML 15Page - STMicroelectronics B100NF04 Datasheet HTML 16Page - STMicroelectronics B100NF04 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Revision history
STB100NF04 - STP100NF04
16/17
6
Revision history
Table 7.
Revision history
Date
Revision
Changes
23-Mar-2005
2
New template
01-Mar-2006
3
Removed I²PAK and inserted D²PAK.
04-Sep-2006
4
New template, no content change
20-Feb-2007
5
Typo mistake on page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com