| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
UPD750004 Datasheet(PDF) 50 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD750004 Datasheet(HTML) 50 Page - Renesas Technology Corp |
|
50 / 86 page ![]() µPD750004, 750006, 750008, 750004(A), 750006(A), 750008(A) 48 Data Sheet U10738EJ3V2DS Group Subrou- tine stack control Mne- monic CALLNote CALLFNote Operand !addr !faddr Bytes 3 2 Machin- ing cycle 3 4 2 3 Skip condition Address- ing area *6 *9 Operation • µPD750004 (SP - 3) ← MBE, RBE, 0, 0 (SP - 4) (SP - 1) (SP - 2) ← PC11-0 PC11-0 ← addr, SP ← SP - 4 • µPD750006, 750008 (SP - 3) ← MBE, RBE, 0, PC12 (SP - 4) (SP - 1) (SP - 2) ← PC11-0 PC12-0 ← addr, SP ← SP - 4 • µPD750004 (SP - 2) ← ×, ×, MBE, RBE (SP - 6) (SP - 3) (SP - 4) ← PC11-0 (SP - 5) ← 0, 0, 0, 0 PC11-0 ← addr, SP ← SP - 6 • µPD750006, 750008 (SP - 2) ← ×, ×, MBE, RBE (SP - 6) (SP - 3) (SP - 4) ← PC11-0 (SP - 5) ← 0, 0, 0, PC12 PC12-0 ← addr, SP ← SP - 6 • µPD750004 (SP - 3) ← MBE, RBE, 0, 0 (SP - 4) (SP - 1) (SP - 2) ← PC11-0 PC11-0 ← 0 + faddr, SP ← SP - 4 • µPD750006, 750008 (SP - 3) ← MBE, RBE, 0, PC12 (SP - 4) (SP - 1) (SP - 2) ← PC11-0 PC12-0 ← 00 + faddr, SP ← SP - 4 • µPD750004 (SP - 2) ← ×, ×, MBE, RBE (SP - 6) (SP - 3) (SP - 4) ← PC11-0 (SP - 5) ← 0, 0, 0, 0 PC11-0 ← 0 + faddr, SP ← SP - 6 • µPD750006, 750008 (SP - 2) ← ×, ×, MBE, RBE (SP - 6) (SP - 3) (SP - 4) ← PC11-0 (SP - 5) ← 0, 0, 0, PC12 PC12-0 ← 00 + faddr, SP ← SP - 6 Note The shaded portion is supported in Mk ΙΙ mode only. The other portions are supported in Mk Ι mode only. |