Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

B2D30120HC1 Datasheet(PDF) 6 Page - BASIC SEMICONDUCTOR

No. de pieza B2D30120HC1
Descripción Electrónicos  SiC Schottky Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BASICSEMI [BASIC SEMICONDUCTOR]
Página de inicio  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

B2D30120HC1 Datasheet(HTML) 6 Page - BASIC SEMICONDUCTOR

  B2D30120HC1 Datasheet HTML 1Page - BASIC SEMICONDUCTOR B2D30120HC1 Datasheet HTML 2Page - BASIC SEMICONDUCTOR B2D30120HC1 Datasheet HTML 3Page - BASIC SEMICONDUCTOR B2D30120HC1 Datasheet HTML 4Page - BASIC SEMICONDUCTOR B2D30120HC1 Datasheet HTML 5Page - BASIC SEMICONDUCTOR B2D30120HC1 Datasheet HTML 6Page - BASIC SEMICONDUCTOR B2D30120HC1 Datasheet HTML 7Page - BASIC SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
B2D30120HC1
SiC Schottky Diode
6 / 7
www.basicsemi.com
Package Dimensions
Recommended Solder Pad Layout
all units are in millimeters.
E
A
A2
E1
φP1
φP
D2
D1
A1
c
S
E3
E2
L1
b2
b4
b
e
L
D
Rev. 1.2
21.00
21.30
D
SYMBOL
MIN
NOM
MAX
mm
A
A1
15.80
16.10
-
-
-
-
3.60
6.15
A2
b
b2
b4
c
D1
E
E1
E2
E3
e
-
L
5.436
L1
φ
P
φ
P1
S
5.20
2.59
2.15
1.36
2.21
3.41
0.75
16.85
5.20
2.70
20.22
4.30
3.80
7.40
6.30
4.80
2.21
1.85
1.11
1.91
2.91
0.51
20.80
16.25
15.50
13.00
4.40
1.50
5.536
5.336
19.62
3.40
6.00
5.00
2.00
-
2.01
-
-
16.55
13.30
13.60
-
19.92
2.41
1.17
D2
1.35
1.05



Html Pages

1 2 3 4 5 6 7