Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TX-I Datasheet(PDF) 2 Page - Transko Electronics, Inc.

No. de pieza TX-I
Descripción Electrónicos  TCXO/VCTCXO ULTRA MINIATURE SMD (3.2 x 2.5 x 1.0mm)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TRANSKO [Transko Electronics, Inc.]
Página de inicio  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TX-I Datasheet(HTML) 2 Page - Transko Electronics, Inc.

  TX-I Datasheet HTML 1Page - Transko Electronics, Inc. TX-I Datasheet HTML 2Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Transko Electronics, Inc. 3981 E. Miraloma Ave. CA 92806 USA
Tel: 714-528-8080 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
Transko Cal Crystal Comclok. 3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
RoHS
Compliant
TX
-
L
Rev. 4: 05
-
13
-
19
Transko Electronics, Inc reserves the right to make changes to the product (s), service (s), and specification (s) described herein without notice. See “Terms of Sale” for details on our website.
■ SOLDER PATTERN
■ REFLOW PROFILE
■ PACKAGE DIMENSIONS
Unit : mm
Note: Consult factory for detail
Soldering
255 ±5°C
150 ±5°C
Pre-heating
<10 Sec
<120 Sec
170 ±5°C
■ PART NUMBERING GUIDE
3.20
1
2
3
4
Marking
1
N/C or Vc
2
GND
3
Output
4
VDD
Pin Configuration
Unit : mm
1.20
0.60
2.65
1.70
0.50
TX
3
L
25
J
10.000M
TR
P
05
PULLABILITY (VTX option)
5:
±5.0 ppm min.
10:
±10.0 ppm min.
15:
±15.0 ppm min.
Call for Higher Pullability
OUTPUT
P: Clipped sine wave
R: CMOS
STABILITY
10: ± 1.0ppm
15: ± 1.5ppm
20: ± 2.0ppm
25: ± 2.5ppm
30: ± 3.0ppm
50: ± 5.0ppm
XX: Two digit for Stability
PACKAGE
SUPPLY VOLTAGE
8 :
1.8V
1 :
2.5V
2 :
2.8V
30:
3.0V
3 :
3.3V
1
4
2.24
0.40
0.08
2
3
TAPE & REEL
TR:
3000/reel
Blank: Cut tape
FREQUENCY
M: MHz
TYPE
TX:
TCXO
VTX: VCTCXO
OPERATING TEMP.
H: 0º to 50ºC I: -10º to 60ºC
J: -10º to 70ºC K: -20º to 70ºC
L: -30º to 70ºC N: -30º to 75ºC
O: -30º to 85ºC M: -40º to 85ºC



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com