Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TX-I Datasheet(PDF) 1 Page - Transko Electronics, Inc.

No. de pieza TX-I
Descripción Electrónicos  TCXO/VCTCXO ULTRA MINIATURE SMD (3.2 x 2.5 x 1.0mm)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TRANSKO [Transko Electronics, Inc.]
Página de inicio  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TX-I Datasheet(HTML) 1 Page - Transko Electronics, Inc.

  TX-I Datasheet HTML 1Page - Transko Electronics, Inc. TX-I Datasheet HTML 2Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Transko Electronics, Inc. 3981 E. Miraloma Ave. CA 92806 USA
Tel: 714-528-8080 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
Transko Cal Crystal Comclok. 3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
RoHS
Compliant
TX
-
L
Rev. 4: 05
-
13
-
19
TCXO/VCTCXO ULTRA MINIATURE SMD (3.2 x 2.5 x 1.0mm)
FEATURES:
DIGITALLY COMPENSATED
LOW VOLTAGE / TIGHT STABILITY
LOW COST FOR A TIGHT STABILITY TCXO
Transko Electronics, Inc reserves the right to make changes to the product (s), service (s), and specification (s) described herein without notice. See “Terms of Sale” for details on our website.
■ SPECIFICATION
PARAMETER
MIN.
TYP.
MAX.
UNIT
NOTE
FREQUENCY RANGE
4
54
MHz
STANDARD FREQUENCIES
10.000MHz, 13.000MHz, 19.200MHz, 19.680MHz, 25.000MHz, 26.000MHz
FREQUENCY TOLERANCE
±1.5
ppm
@ Vc = 1/2VDD DC @ 25°C ± 2°C
FREQUENCY
STABILITY
vs. TEMPERATURE RANGE
±2.5
ppm
See P/N guide for other options
vs. LOAD ± 5%
±0.3
ppm
vs. SUPPLY VOLTAGE ± 5%
±0.3
ppm
vs. AGING
±1.0
ppm/year
OPERATING TEMPERATURE RANGE
-30
+85
°C
See P/N guide for other options
STORAGE TEMPERATURE RANGE
-40
+85
°C
SUPPLY VOLTAGE ±5%
1.8
3.3
V
See P/N guide for other options
SUPPLY CURRENT
CMOS
6.0
mA
CSW
2.0
mA
OUTPUT
LOGIC FAMILY
CMOS / Clipped Sine wave (DC-coupling)
LOAD
CMOS
15pF
CSW
10kΩ//10pF
LEVEL
CMOS (VOH)
0.8 x VDD
V
CMOS (VOL)
0.2 x VDD
V
CSW
0.8
VP
-P
SYMMETRY (DUTY CYCLE)
40
60
%
RISE AND FALL TIME (Tr/Tf)
10
nS
For CMOS
START-UP TIME
2.0
mS
FREQUENCY DEVIATION
±3.0
±15.0
ppm
See P/N guide for other options
CONTROL VOLTAGE
0
VDD
V
Center = 1/2 VDD
SLOPE
Positive
PHASE NOISE @ 12.8MHZ
1kHz
-130
dBc/Hz
APPLICATIONS:
Cellular Phone, CDMA
GSM, GPS
SONET, Microprocessor


Número de pieza similar - TX-I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Turck, Inc.
TX-IO-DX06 TURCK-TX-IO-DX06 Datasheet
344Kb / 3P
TX HMI/PLC Series Plug-In Module 8 DI, 6 DO, 1 Relay Output
2023-07-21
TX-IO-XX03 TURCK-TX-IO-XX03 Datasheet
643Kb / 5P
TX HMI/PLC Series Plug-In Module 20 DI, 12 DO 0.5 A ,4 AI (U, I, RTD, TC), 4 AO (U, I)
2023-07-21
More results

Descripción similar - TX-I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Transko Electronics, In...
TE-J TRANSKO-TE-J Datasheet
481Kb / 2P
TCXO/VCTCXO ULTRA MINIATURE SMD (5.0 x 3.2 x 1.6mm)
Rev. 0: Oct. 2015
TEI32 TRANSKO-TEI32 Datasheet
422Kb / 1P
MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.0mm)
Ver.1: Mar. 2015
TFC5 TRANSKO-TFC5 Datasheet
316Kb / 2P
TCXO/VCTCXO ULTRA MINIATURE SMD (5.0 x 3.2 x 1.2mm)
Rev 3: 03-02-2023
TP32 TRANSKO-TP32 Datasheet
463Kb / 1P
MINIATURE SMD PROGRAMMABLE OSCILLATOR (3.2 x 2.5 x 1.0mm)
Rev.5: Aug. 2015
TX-J TRANSKO-TX-J Datasheet
309Kb / 2P
TCXO/VCTCXO ULTRA MINIATURE SMD (5.0 x 3.2 x 1.55mm)
Rev 2: 03-02-2023
TX-M TRANSKO-TX-M Datasheet
468Kb / 2P
TCXO/VCTCXO ULTRA MINIATURE SMD (3.2 x 2.5 x 1.0mm)
Rev. 1: Jul. 2014
TX-N TRANSKO-TX-N Datasheet
306Kb / 2P
TCXO/VCTCXO ULTRA MINIATURE SMD (2.5 x 2.0 x 0.71mm)
Rev. 4: 12-11-2020
TX-O TRANSKO-TX-O Datasheet
468Kb / 1P
TCXO/VCTCXO ULTRA MINIATURE SMD (2.5 x 2.0 x 0.9mm)
Ver. 1: Jan. 2015
TX-Q TRANSKO-TX-Q Datasheet
172Kb / 2P
ULTRA MINIATURE SMD TCXO (3.2 x 2.5 x 1.0mm)
Ver. 2: 09-18-2018
TX-T TRANSKO-TX-T Datasheet
315Kb / 2P
TCXO/VCTCXO MINIATURE SMD (5.0 x 3.2 x 1.5mm)
Rev. 2: Jul. 2015
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com