Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PIMP31 Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

No. de pieza PIMP31
Descripción Electrónicos  50 V, 500 mA PNP/PNP Resistor-Equipped double Transistor (RET); R1 = 1 kΩ, R2 = 10 kΩ
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PIMP31 Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button PIMP31 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PIMP31 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PIMP31 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PIMP31 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PIMP31 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PIMP31 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PIMP31 Datasheet HTML 9Page - Nexperia B.V. All rights reserved PIMP31 Datasheet HTML 10Page - Nexperia B.V. All rights reserved PIMP31 Datasheet HTML 11Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Nexperia
PIMP31
50 V, 500 mA PNP/PNP Resistor-Equipped double Transistor (RET); R1 = 1 kΩ, R2 = 10 kΩ
11. Test information
Resistor calculation
• Calculation of bias resistor 1 (R1)
• Calculation of bias resistor ratio (R2/R1)
R1
R2
GND
II1; II2
n.c.
II3; II4
aaa-020083
Fig. 10. Resistor test circuit
Resistor test conditions
Table 8. Resistor test conditions
Test conditions
R1 (kΩ)
R2 (kΩ)
II1
II2
II3
II4
1
10
-0.7 mA
-0.8 mA
0.45 mA
0.55 mA
12. Package outline
3.0
2.5
1.7
1.3
3.1
2.7
pin 1 index
1.9
0.26
0.10
0.40
0.25
0.95
1.1
0.9
0.6
0.2
1
3
2
4
5
6
18-03-11
Dimensions in mm
Fig. 11. Package outline SC-74; TSOP6 (SOT457)
PIMP31
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
16 February 2022
7 / 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com