Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FKBA8048 Datasheet(PDF) 1 Page - FETek Technology Corp.

No. de pieza FKBA8048
Descripción Electrónicos  Single N-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FETEK [FETek Technology Corp.]
Página de inicio  http://www.fetek.com.tw
Logo FETEK - FETek Technology Corp.

FKBA8048 Datasheet(HTML) 1 Page - FETek Technology Corp.

  FKBA8048 Datasheet HTML 1Page - FETek Technology Corp. FKBA8048 Datasheet HTML 2Page - FETek Technology Corp. FKBA8048 Datasheet HTML 3Page - FETek Technology Corp. FKBA8048 Datasheet HTML 4Page - FETek Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FETek Technology Corp.
Data and specifications subject to change without notice.
www.fetek.com.tw
Ver : A
FKBA8048
Single N-Channel MOSFET
11
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
80
V
VGS
Gate-Source Voltage
±20
V
ID@TC=25℃
Continuous Drain Current1,6
60
A
ID@TC=70℃
Continuous Drain Current1,6
60
A
ID@TA=25℃
Continuous Drain Current1,6
23.8
A
ID@TA=70℃
Continuous Drain Current1,6
19
A
IDM
Pulsed Drain Current2
170
A
EAS
Single Pulse Avalanche Energy3
57.8
mJ
IAS
Avalanche Current
34
A
PD@TC=25℃
Total Power Dissipation1,4
104
W
PD@TA=25℃
Total Power Dissipation1,4
6.25
W
TSTG
Storage Temperature Range
-55 to 150
TJ
Operating Junction Temperature Range
-55 to 150
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-Ambient(t≦10s)1
---
20
℃/W
RθJC
Thermal Resistance Junction-Case1
---
1.2
℃/W
BVDSS
RDSON
ID
80V
6.5m
Ω
60A
 Advanced Trench MOS Technology
 100% EAS Guaranteed
 Green Device Available
Applications
Absolute Maximum Ratings
Thermal Data
PRPAK5X6 Pin Configuration
Product Summary
Features
 Synchronous rectification.
 Primary side switching.


Número de pieza similar - FKBA8048

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
FETek Technology Corp.
FKBA8008 FETEK-FKBA8008 Datasheet
350Kb / 4P
N-Ch 30V Fast Switching MOSFETs
Ver : A
FKBA8016 FETEK-FKBA8016 Datasheet
658Kb / 4P
N-Ch 80V Fast Switching MOSFETs
Ver : A
FKBA8024A FETEK-FKBA8024A Datasheet
592Kb / 4P
N-Ch 80V Fast Switching MOSFETs
Ver : A
FKBA8066 FETEK-FKBA8066 Datasheet
642Kb / 4P
N-Ch 80V Fast Switching MOSFETs
Ver : A
FKBA8070 FETEK-FKBA8070 Datasheet
513Kb / 4P
N-Ch 80V Fast Switching MOSFETs
Ver : A
More results

Descripción similar - FKBA8048

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ELM Technology Corporat...
ELM13402CA-S ELM-TECH-ELM13402CA-S Datasheet
415Kb / 4P
Single N-channel MOSFET
ELM13410CA-S ELM-TECH-ELM13410CA-S Datasheet
396Kb / 4P
Single N-channel MOSFET
ELM16400EA-S ELM-TECH-ELM16400EA-S Datasheet
419Kb / 4P
Single N-channel MOSFET
ELM16404EA-S ELM-TECH-ELM16404EA-S Datasheet
406Kb / 4P
Single N-channel MOSFET
ELM34416AA-N ELM-TECH-ELM34416AA-N Datasheet
331Kb / 4P
Single N-channel MOSFET
ELM2H400SA-S ELM-TECH-ELM2H400SA-S Datasheet
1Mb / 4P
Single N-channel MOSFET
ELM3D0603A-S ELM-TECH-ELM3D0603A-S Datasheet
884Kb / 5P
Single N-channel MOSFET
ELM3D0804A-S ELM-TECH-ELM3D0804A-S Datasheet
811Kb / 4P
Single N-channel MOSFET
ELM3DK502A-S ELM-TECH-ELM3DK502A-S Datasheet
877Kb / 4P
Single N-channel MOSFET
ELM32D606A-S ELM-TECH-ELM32D606A-S Datasheet
870Kb / 4P
Single N-channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com