| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ICSSSTUAF32869A Datasheet(PDF) 8 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICSSSTUAF32869A Datasheet(HTML) 8 Page - Renesas Technology Corp |
|
8 / 21 page ![]() ICSSSTUAF32869A 14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2 COMMERCIAL TEMPERATURE GRADE 14-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2 8 ICSSSTUAF32869A 7095/14 Parity and Standby Function Table Inputs1 Outputs RESET DCS CSR CLK CLK Σ of Inputs = H (D1 - D14)2 PARIN3 PPO PTYERR4 HL X ↑↓ Even L L H HL X ↑↓ Odd L H L HL X ↑↓ Even H H L HL X ↑↓ Odd H L H HL L ↑↓ Even L L H HL L ↑↓ Odd L H L HL L ↑↓ Even H H L HL L ↑↓ Odd H L H HH H ↑↓ XX PPOn0 PTYERRn0 H X X L or H L or H X X PPOn0 PTYERRn0 LX or Floating X or Floating X or Floating X or Floating X or Floating X or Floating L H 1 H = HIGH Voltage Level L = LOW Voltage Level X = Don’t Care ↑ = LOW to HIGH ↓ = HIGH to LOW 2 This range does not include D1, D4, and D7. 3 PARIN arrives one clock cycle (C1 = 0), or two clock cycles (C1 = 1), after the data to which it applies. 4 This transition assumes PTYERR is HIGH at the crossing of CLK going HIGH and CLK going LOW. If PTYERR is LOW, it stays latched LOW for two clock cycles or until RESET is driven LOW. PARIN is used to generate PPO and PTYERR. |